Electronic Components Datasheet Search
  English  ▼

X  

LM3439 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3439
Description  N channelP Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3439 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3439 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev :
www.leiditech.com
2/5
N-ch MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =20V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±1
0V, VDS = 0V
±
20
uA
Gate threshold voltage (note 2)
VGS(th)
VDS =VGS, ID =250µA
0.35
1
.1
V
Drain-source on-resistance(note 2)
RDS(on)
VGS =4.5V, ID =0.65A
400
m
Ω
VGS =2.5V, ID =0.55A
600
m
Ω
VGS =1.8V, ID =0.45A
800
m
Ω
Forward tranconductance(note 2)
gFS
VDS =10V, ID =0.8A
1.6
S
Diode forward voltage
VSD
IS=0.15A, VGS = 0V
1.2
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
VDS =16V,VGS =0V,f =1MHz
79
120
pF
Output Capacitance
Coss
13
20
pF
Reverse Transfer Capacitance
Crss
9
15
pF
SWITCHING CHARACTERISTICS (note 3,4)
Turn-on delay time
td(on)
VGS=4.5V,VDS=10V,
ID=500mA,RGEN=10Ω
6.7
ns
Turn-on rise time
tr
4.8
ns
Turn-off delay time
td(off)
17.3
ns
Turn-off fall time
tf
7.4
ns
P-ch MOSFET ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-20
V
Zero gate voltage drain current
IDSS
VDS =-20V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±1
0V, VDS = 0V
±20
uA
Gate threshold voltage
(note 2)
VGS(th)
VDS =VGS, ID =-250µA
-0.35
-1.1
V
Drain-source on-resistance(note 2)
RDS(on)
VGS =-4.5V, ID =-1A
700
m
Ω
VGS =-2.5V, ID =-0.8A
850
m
Ω
VGS =-1.8V, ID =-0.5A
1000
m
Ω
Forward tranconductance(note 2)
gFS
VDS =-10V, ID =-0.54A
1.2
S
Diode forward voltage
VSD
IS=-0.5A, VGS = 0V
-1.2
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
VDS =-16V,VGS =0V,f =1MHz
113
170
pF
Output Capacitance
Coss
15
25
pF
Reverse Transfer Capacitance
Crss
9
15
pF
SWITCHING CHARACTERISTICS (note 3, 4)
Turn-on delay time
td(on)
VGS=-4.5V,VDS=-10V,
ID=-200mA,RGEN=10Ω
9
ns
Turn-on rise time
tr
5.8
ns
Turn-off delay time
td(off)
32.7
ns
Turn-off fall time
tf
20.3
ns
Notes :
1.Surface mounted on FR4 board using the minimum recommended pad size.
2. Pulse Test : Pulse width=300
μs, duty cycle≤2%.
3. Switching characteristics are independent of operating junction temperature.
4. Graranted by design,not subject to producting.
260
350
60
0
460
600
27
-27
LM3439
01.08.2021



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com