Electronic Components Datasheet Search
  English  ▼

X  

LM3439 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3439
Description  N channelP Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3439 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3439 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev :
www.leiditech.com
4/5
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.01
-0.1
-1
-2
-0
-1
-2
-3
-4
-5
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-1.1
-1.2
300
400
500
600
700
800
900
1000
1100
1200
-1
-2
-3
-4
-5
300
400
500
600
700
800
900
1000
-0
-1
-2
-3
-4
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
25
50
75
100
125
-0.0
-0.2
-0.4
-0.6
-0.8
T
a=100
℃
V
SD
I
S ——
T
a=25
℃
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=-4V,-5V
V
GS=-3V
V
GS=-2.5V
V
GS=-1.5V
T
a=25
℃
Pulsed
Output Characteristics
V
GS=-2V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=-4.5V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
V
GS=-1.8V
V
GS=-2.5V
T
a=25
℃
T
a=100
℃
I
D=-1A
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
Pulsed
Pulsed
V
DS=-3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=-250uA
Threshold Voltage
JUNCTION TEMPERATURE T
J
( )
℃
P-Channel MOS
LM3439
01.08.2021



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com