Electronic Components Datasheet Search
  English  ▼

X  

LM3439 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3439
Description  N channelP Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3439 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3439 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev :
www.leiditech.com
3/5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.10.2
0.30.40.50.6
0.70.80.91.0
1.11.2
200
250
300
350
400
450
500
01
23
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pulsed
T
a=100
℃
V
SD
I
S ——
T
a=25
℃
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=4V,5V
V
GS=3V
V
GS=2.5V
V
GS=2V
Output Characteristics
V
GS=1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=1.8V
T
a=25
℃
Pulsed
V
GS=4.5V
V
GS=2.5V
T
a=25
℃
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
V
DS=3V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
( )
℃
N-Channel MOS
12
34
5
100
200
300
400
500
600
700
800
Pulsed
T
a=100
℃
T
a=25
℃
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
——
R
DS(ON)
I
D=0.65A
LM3439
01.08.2021



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com