Electronic Components Datasheet Search
  English  ▼

X  

LM3439 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3439
Description  N channelP Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3439 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3439 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3439 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM3439
Rev :
www.leiditech.com
01.08.2021
1/5
N channel+P Channel MOSFET
V(BR)DSS
RDS(on)MAX
ID
20 V
40
0mΩ@ 4.5V
0.75A
800mΩ@1.8V
60
0mΩ@2.5V 
-20V
750mΩ@-4.5V
-0.66A
1000mΩ(TYP)@-1.8V
8
00mΩ@-2.5V 
FEATURE
Surface Mount Package
Low RDS(on)
Operated at Low Logic Level Gate Drive
ESD Protected Gate
Including a N-ch CJ3134K and a P-ch CJ3139K
(independently) In a Package
APPLICATION
Load/ Power Switching
Interfacing Switching
Battery Management for Ultra Small Portable Electronics
Logic Level Shift
SOT-363
MARKING
Equivalent Circuit
1
6
2
S1
D1
G1
3
4
5
D2
S2
G2
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
N-MOSFET
Drain-Source Voltage
VDS
20
V
Typical Gate-Source Voltage
VGS
±12
V
Continuous Drain Current (note 1)
ID
0.75
A
Pulsed Drain Current (tp=10us)
IDM
1.8
A
P-MOSFET
Drain-Source Voltage
VDS
-20
V
Typical Gate-Source Voltage
VGS
±12
V
Continuous Drain Current (note 1)
ID
-0.66
A
Pulsed Drain Current (tp=10us)
IDM
-1.2
A
Temperature and Thermal Resistance
Thermal Resistance from Junction to Ambient (note 1)
RθJA
833
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
℃


Similar Part No. - LM3439

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM343 NSC-LM343 Datasheet
228Kb / 12P
High Voltage Operational Amplifier
logo
Connor-Winfield Corpora...
LM343-155.52M CONNOR-WINFIELD-LM343-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM3430 NSC-LM3430 Datasheet
2Mb / 16P
LED Backlighting Solution with LM3430 and LM3432
logo
Texas Instruments
LM3430 TI1-LM3430 Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
LM3430SD/NOPB TI1-LM3430SD/NOPB Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
More results

Similar Description - LM3439

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
N Channel P Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4614 JIANGSU-CJQ4614 Datasheet
890Kb / 6P
N Channel P Channel Mosfet
CJQ4559 JIANGSU-CJQ4559 Datasheet
1Mb / 6P
N Channel P Channel Mosfet
CJM7201 JIANGSU-CJM7201 Datasheet
1Mb / 6P
N-Channel P-Channel MOSFET
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com