Electronic Components Datasheet Search
  English  ▼

X  

Z87233 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z87233
Description  CMOS Z8-R MCU Consumer Controller Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87233 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z87233 Datasheet HTML 9Page - Zilog, Inc. Z87233 Datasheet HTML 10Page - Zilog, Inc. Z87233 Datasheet HTML 11Page - Zilog, Inc. Z87233 Datasheet HTML 12Page - Zilog, Inc. Z87233 Datasheet HTML 13Page - Zilog, Inc. Z87233 Datasheet HTML 14Page - Zilog, Inc. Z87233 Datasheet HTML 15Page - Zilog, Inc. Z87233 Datasheet HTML 16Page - Zilog, Inc. Z87233 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
PS022701-0104
Z87233
CMOS Z8“ MCU Consumer Controller Processor
7
Figure 4.Port 2 Configuration
Port 3 (P37–P30).
Port 3 is an 8-bit, CMOS-compatible port, with four fixed inputs
(P33–P30) and four fixed outputs (P34–P37). Port 3 is configured under software
control for Input/Output, Counter/Timers and interrupt. Port 3, bit 0 input is
Schmitt-triggered, and pins P31, P32, and P33 are standard CMOS inputs (no
autolatches). Pins P34, P35, P36, P37 are push-pull output lines. Low-EMI output
buffers are globally programmed by the software.
Two onboard comparators process analog signals on P31 and P32 with reference
to the voltage on P33. The analog function is enabled by programming Port 3
Z8
Port 2 (I/O)
Open
Out
In
PAD
Auto Latch
1.5
2.3 Hysteresis VCC @ 5.0V
R ~
~ 500 kΩ
Open Drain
(Mask Option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com