Electronic Components Datasheet Search
  English  ▼

X  

Z87233 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z87233
Description  CMOS Z8-R MCU Consumer Controller Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87233 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z87233 Datasheet HTML 25Page - Zilog, Inc. Z87233 Datasheet HTML 26Page - Zilog, Inc. Z87233 Datasheet HTML 27Page - Zilog, Inc. Z87233 Datasheet HTML 28Page - Zilog, Inc. Z87233 Datasheet HTML 29Page - Zilog, Inc. Z87233 Datasheet HTML 30Page - Zilog, Inc. Z87233 Datasheet HTML 31Page - Zilog, Inc. Z87233 Datasheet HTML 32Page - Zilog, Inc. Z87233 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
PS022701-0104
Z87233
CMOS Z8“ MCU Consumer Controller Processor
23
Low-EMI Port 2 (D5).
Port 2 is configured as a low-EMI port by resetting this bit (D5
= 0) or configured as a Standard Port by setting this bit (D5 = 1). The default value
is 1.
Low-EMI Port 3 (D6).
Port 3 is configured as a low-EMI port by resetting this bit (D6
= 0) or configured as a Standard Port by setting this bit (D6 = 1). The default value
is 1.
Low-EMI OSC (D7).
This bit of the PCON register controls the low-EMI noise oscil-
lator. A 1 in this location configures the oscillator, DS, AS and R/W with standard
drive, while a 0 configures the oscillator, DS, AS and R/W with low noise drive.
LOW-EMI mode reduces the drive of the oscillator (OSC). The default value is 1.
Maximum external clock frequency of 4 MHz when running in
LOW-EMI OSCILLATOR mode.
Low-EMI Emission.
The Z8 is programmed to operate in a low-EMI emission mode
in the PCON register. The oscillator and all I/O ports is programmed as LOW-EMI
EMISSION mode independently. Use of this feature results in:
• The pre-drivers slew rate reduced to 10 ns (typical)
• Low-EMI output drivers exhibit resistance of 200Ω (typical)
• Low-EMI Oscillator
• Internal SCLK = X
IN operation limited to a maximum of 4 MHz–250 ns cycle time,
when LOW EMI OSCILLATOR is selected and system clock (SMR Register Bit
D1 = 1)
Stop-Mode Recovery Registers (SMR1 and SMR2).
These registers select the clock
divide value and determine the mode of Stop-Mode Recovery (Tables 8 and 11).
All bits are WRITE ONLY, except bit 7 of SMR1, which is READ ONLY. SMR1 bit 7
is a flag bit that is set by hardware on a Stop-Mode Recovery condition and reset
by a power-on cycle. For SMR1, bit 6 controls whether a Low level or a High level
is required from the recovery source. Bit 5 controls the reset delay after Stop-
Mode Recovery. Bits 2, 3, and 4 of the SMR1 register specify the source of the
Stop-Mode Recovery signal. Bits 0 and 1 determine the time-out period of the
WDT. The SMR registers are located in Bank F of the Expanded Register File at
addresses 0Bh and 0Dh, respectively.
For SMR2, bits 7 to 2 are reserved. Bits 1 and 0 of the SMR2 register specify the
source of the Stop-Mode Recovery signal.
Table 8. Stop-Mode Recovery Register 1—SMR1 0Bh/R11 Bank Fh: WRITE ONLY, except Bit D7,
which is READ ONLY
Bit
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
W
W
W
W
WWW
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com