Electronic Components Datasheet Search
  English  ▼

X  

Z87233 Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z87233
Description  CMOS Z8-R MCU Consumer Controller Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87233 Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z87233 Datasheet HTML 24Page - Zilog, Inc. Z87233 Datasheet HTML 25Page - Zilog, Inc. Z87233 Datasheet HTML 26Page - Zilog, Inc. Z87233 Datasheet HTML 27Page - Zilog, Inc. Z87233 Datasheet HTML 28Page - Zilog, Inc. Z87233 Datasheet HTML 29Page - Zilog, Inc. Z87233 Datasheet HTML 30Page - Zilog, Inc. Z87233 Datasheet HTML 31Page - Zilog, Inc. Z87233 Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
PS022701-0104
Z87233
CMOS Z8“ MCU Consumer Controller Processor
22
Comparator Output Port 3 (D0).
Bit 0 controls the comparator use in Port 3. A 1 in
this location brings the comparator outputs to P34 and P37, and a 0 releases the
Port to its standard I/O configuration. The default value is 0.
Port 0 Open-Drain (D2).
Port 0 is configured as an open-drain by resetting this bit
(D2 = 0) or configured as push-pull active by setting this bit (D2 = 1). The default
value is 1.
Low-EMI Port 0 (D3).
Port 0 is configured as a low-EMI port by resetting this bit (D3
= 0) or configured as a Standard Port by setting this bit (D3 = 1). The default value
is 1.
Table 7. Port Configuration Register—PCON 00h/R0 Bank Fh: WRITE ONLY
Bit
D7
D6
D5
D4
D3
D2
D1
D0
R/W
W
W
W
W
W
WWW
Reset
1
1
1
1
1
110
Note: R = Read, W = Write, X = Indeterminate.
Bit
Position
Bit
Field
R/W
Reset
State
Description
D7
Oscillator
W
1
Low-EMI Oscillator
0: Low EMI
1: Standard
D6
Port 3 I/O
W
1
Port 3
0: Low EMI
1: Standard
D5
Port 2 I/O
W
1
Port 2
0: Low EMI
1: Standard
D4
Reserved
W
1
Reserved*
1: Must be "1"
D3
Port 0 I/O
W
1
Port 0*
0: Low EMI
1: Standard
D2
Port 0 I/O
W
1
Port 0
0: Open-Drain
1: Push-Pull Active
D1
Reserved
W
1
Reserved*
1: Must be "1"
D0
Port 3
W
0
Port 3 Comparator Output
0: P34, P37 Standard Output
1: P34, P37 Comparator Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com