Electronic Components Datasheet Search
  English  ▼

X  

Z87233 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z87233
Description  CMOS Z8-R MCU Consumer Controller Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87233 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z87233 Datasheet HTML 45Page - Zilog, Inc. Z87233 Datasheet HTML 46Page - Zilog, Inc. Z87233 Datasheet HTML 47Page - Zilog, Inc. Z87233 Datasheet HTML 48Page - Zilog, Inc. Z87233 Datasheet HTML 49Page - Zilog, Inc. Z87233 Datasheet HTML 50Page - Zilog, Inc. Z87233 Datasheet HTML 51Page - Zilog, Inc. Z87233 Datasheet HTML 52Page - Zilog, Inc. Z87233 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
PS022701-0104
Z87233
CMOS Z8“ MCU Consumer Controller Processor
43
Port Configuration Register
The Port Configuration Register, PCON, controls the configurations of Ports 0, 2,
and 3. WRITE and reset states for bits D7–D0 are listed in Table 32.
0Eh
Reserved
0Fh
WDTMR*
X
X
X
0
110
1
Table 32. Port Configuration Register—PCON 00h/R0 Bank Fh: WRITE ONLY
Bit
D7
D6
D5
D4
D3
D2
D1
D0
R/W
W
W
W
W
W
WWW
Reset
1
1
1
1
1
110
Note: W = Write.
Bit
Position
Bit
Field
R/W
Reset
State
Description
D7
Oscillator
W
1
Low-EMI Oscillator
0: Low EMI
1: Standard
D6
Port 3 I/O
W
1
Port 3
0: Low EMI
1: Standard
D5
Port 2 I/O
W
1
Port 2
0: Low EMI
1: Standard
D4
Reserved
W
1
Reserved
1: Reserved must be "1"
D3
Port 0 I/O
W
1
Port 0†
0: Low EMI
1: Standard
D2
Port 0 I/O
W
1
Port 0
0: Open-Drain
1: Push-Pull Active
Table 31. Expanded Register File Registers—Reset States (Continued)
D7
D6
D5
D4
D3
D2
D1
D0
Note: *Not reset with a Stop-Mode Recovery.
Note: **Not reset with a Stop-Mode Recovery except Bit D7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com