Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4700
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 30Page - Analog Devices LTM4700 Datasheet HTML 31Page - Analog Devices LTM4700 Datasheet HTML 32Page - Analog Devices LTM4700 Datasheet HTML 33Page - Analog Devices LTM4700 Datasheet HTML 34Page - Analog Devices LTM4700 Datasheet HTML 35Page - Analog Devices LTM4700 Datasheet HTML 36Page - Analog Devices LTM4700 Datasheet HTML 37Page - Analog Devices LTM4700 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LT7182S
34
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
Abbreviations of Supported Data Formats
PMBus
DEFINITION
EXAMPLE
TERMINOLOGY
SPECIFICATION
REFERENCE
L11
Linear11
Rev 1.3.1 Part II 7.3
Floating point 16-bit data: value = Y • 2N,
where N = b[15:11] and Y = b[10:0], both
two’s compliment binary integers.
b[15:0] = 0x9807 = 7 • 2–13 = 8.54 • 10–4
UL16 ULinear16
Rev 1.3.1 Part II 8.4.1.1 Fixed point 16-bit data: value = Y • 2–12,
where Y = b[15:0], an unsigned integer.
b[15:0] = 0x4C00 = 19456 • 2–12 = 4.75
Reg
Per-bit meaning defined in command
description in the LT7182S PMBus/I2C
Reference Manual
PMBus STATUS_BYTE command.
IEEE IEEE-754 Half
Precision Floating
Point
Rev 1.3.1 Part II 8.4.4
Floating point 16-bit data: for normal values,
value
= (−1)S • 2N−15 • 1+
M
1024
⎛
⎝⎜
⎞
⎠⎟
, where
S = b[15], N = b[14:10], M = b[9:0].
b[15: 0]
= 0x4580 = (−1)0 • 217−15 • 1+
384
1024
⎛
⎝⎜
⎞
⎠⎟ =
5.5
BOARD LAYOUT CONSIDERATIONS
LAYOUT CONSIDERATIONS
Note that large, switched currents flow in the LT7182S
PVIN and PGND pins and the input capacitors. The loops
formed by the input capacitors should be as small as
possible by placing the capacitors adjacent to the PVIN
and PGND pins.
The input capacitors, along with the inductor and output
capacitors, should be placed on the same side of the circuit
board, and their connections should be made on that layer.
Place a local, unbroken ground plane under the applica-
tion circuit on the layer closest to the surface layer. SGND
should be connected to PCB ground at exactly one point,
directly under the LT7182S adjacent to the SGND pin.
The SW and BOOST nodes should be as small as possible.
For more detail and PCB design files refer to the Demo
Board guide for the LT7182S.
THERMAL CONSIDERATIONS
Care should be taken in the layout of the PCB to ensure
good heat dissipation from the LT7182S. The ground
pins on the bottom of the package should be soldered
to a ground plane. This ground should be tied to large
copper layers below with thermal vias; these layers will
spread heat dissipated by the LT7182S. Placing additional
vias can reduce thermal resistance further. The maximum
load current must be derated as the ambient temperature
approaches the maximum junction rating.
Temperature rise of the LT7182S is worst when operat-
ing at high load, high VIN, and high switching frequency.
If the case temperature is too high for a given applica-
tion, then either VIN, switching frequency, or load cur-
rent can be decreased to reduce the temperature to an
acceptable level.
The internal junction temperature of the LT7182S is
reported via the READ_TEMPERATURE_1 command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com