Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4700
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 20Page - Analog Devices LTM4700 Datasheet HTML 21Page - Analog Devices LTM4700 Datasheet HTML 22Page - Analog Devices LTM4700 Datasheet HTML 23Page - Analog Devices LTM4700 Datasheet HTML 24Page - Analog Devices LTM4700 Datasheet HTML 25Page - Analog Devices LTM4700 Datasheet HTML 26Page - Analog Devices LTM4700 Datasheet HTML 27Page - Analog Devices LTM4700 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LT7182S
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
LT7182S
PHASE 0° AND 180°
PVIN0 PVIN1
6.8k
6.8k
RUN0
DRVCC
DRVCC0
DRVCC0
VIN
12V
RUN1
VOUT1_CFG/
POLYPHASE_CFG
VOUT
1.2V, 24A
VOUT0_CFG
80.6k
(SELECTS
1MHz, 0°/180°
LEADER/FOLLOWER
SYNC OUTPUT)
51.1k
(SELECTS
VOUT = 1.2V)
VSENSE0P
VSENSE0N
SW1
VSENSE1P
VSENSE1N
FAULT0
ITH0
FAULT1
ITH1
SW0
BOOST1
5.6k
(SELECTS
PolyPhase)
SYNC/PWM_CFG
3.3k
4.7nF
SHARE_CLK
10µF
10µF
BOOST0
LOAD
LT7182S
PHASE 90° AND 270°
7182s F03
PVIN0 PVIN1
VOUT1_CFG/
POLYPHASE_CFG
VOUT0_CFG
60.4k
(SELECTS
1MHz, 90°/270°
FOLLOWER/FOLLOWER
SYNC INPUT)
51.1k
(SELECTS
VOUT = 1.2V)
VSENSE0P
VSENSE0N
SW1
VSENSE1P
VSENSE1N
FAULT0
ITH0
FAULT1
ITH1
SW0
SYNC/PWM_CFG
SHARE_CLK
RUN0
DRVCC
ASEL
RUN1
ASEL
BOOST1
BOOST0
Operating Frequency Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantage of high frequency operation is that smaller
inductor and capacitor values may be used, while the
primary disadvantage is lower efficiency.
Minimum On-Time and Minimum Off-Time
Considerations
The minimum on-time, tON(MIN), is the smallest duration
of time in which the top power MOSFET can be in its on
state. This time is a function of output load, and is typi-
cally about 20ns at 1A load. In continuous conduction, the
worst-case minimum on-time limit imposes a maximum
switching frequency of:
fSW(MAX) =
VOUT
VIN • 40ns
(1)
Where 40ns corresponds to the worst-case upper limit
of tON(MIN) at no load and maximum junction tempera-
ture of 150°C, and fSW(MAX) is the maximum supported
switching frequency. If the frequency is set higher than
tON(MIN) allows, the LT7182S valley current control archi-
tecture will keep the output voltage in regulation, and the
switching frequency will decrease from its programmed
value. This is an acceptable result in many applications,
so this constraint may not be of critical importance. High
switching frequencies may be used in the design with-
out causing output overvoltage. However, if frequency
synchronization is required (such as in PolyPhase), fSW
should be set no higher than the maximum value achiev-
able at the maximum tON(MIN) of 40ns and the maximum
VIN and minimum VOUT for the application.
The minimum off-time, tOFF(MIN), is the smallest amount
of time that the LT7182S is capable of turning on the
bottom power MOSFET, tripping the current comparator
and turning the bottom power MOSFET back off. This time
is typically about 60ns . The minimum off-time imposes
a maximum duty cycle of tON/(tON + tOFF(MIN)). If the ratio
VOUT/VIN exceeds the maximum duty cycle, for example
due to input voltage dropping, then the output voltage will
drop out of regulation.
Figure 3. Example Four-Phase PolyPhase 1.2V, 1Mhz, 24A Regulator Using Resistor Configuration Pins with No External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com