Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4700
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 18Page - Analog Devices LTM4700 Datasheet HTML 19Page - Analog Devices LTM4700 Datasheet HTML 20Page - Analog Devices LTM4700 Datasheet HTML 21Page - Analog Devices LTM4700 Datasheet HTML 22Page - Analog Devices LTM4700 Datasheet HTML 23Page - Analog Devices LTM4700 Datasheet HTML 24Page - Analog Devices LTM4700 Datasheet HTML 25Page - Analog Devices LTM4700 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LT7182S
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 3. SYNC/PWM_CFG Pin Configuration Resistor Selection
RESISTOR
VALUE
(±1%)
PWM
FREQUENCY
(Notes 1, 2)
PWM PHASE
(Note 3)
PWM MODE
(Note 4)
PolyPhase
FOLLOWER/
LEADER
(Note 5)
INTERNAL COMPENSATION
(Note 6)
SYNC/PWM_CFG
CLOCK
OUTPUT OR
INPUT
(Note 8)
Ch 0
Ch 1
INTERNAL
CITH
INTERNAL
RITH
INTERNAL
gMEA
162kΩ
Initialized from
NVM
(Default 1MHz)
Initialized
from NVM
(Default 0°)
Initialized
from NVM
(Default 180°)
Initialized
from NVM
(Default FCM)
Initialized
from NVM
(Default 0,
Leader)
Initialized
from NVM
(Default 80pF)
Initialized from
NVM
(Default 20kΩ)
Initialized
from NVM
(Note 7)
Initialized from
NVM
(Default 0, Input)
124kΩ
500kHz
0°
180°
FCM
0
(Leader)
80pF
20kΩ
150µS
0 (Input)
80.6kΩ
1MHz
80pF
40kΩ
51.1kΩ
2MHz
80pF
40kΩ
30.9kΩ
4MHz
60pF
40kΩ
107 kΩ
500kHz
90°
270°
80pF
20kΩ
69.8kΩ
1MHz
80pF
40kΩ
43.2kΩ
2MHz
80pF
40kΩ
93.1kΩ
500kHz
0°
180°
Pulse-skip
80pF
20kΩ
60.4kΩ
1MHz
80pF
40kΩ
36.5kΩ
2MHz
80pF
40kΩ
Clock
Active
Throughout
POR and
Reset
Measured at
POR/Reset
0°
180°
FCM
NVM
(Default 0,
Leader)
(Note 9)
5.6kΩ
±10%
PolyPhase Configuration Select: PWM Configuration is controlled by the VOUT1_CFG/POLYPHASE_CFG pin, as indicated in Table 4. In this
configuration, VOUT for both channels is initialized to the value specified by the VOUT0_CFG resistor.
Note 1. PWM Switching frequency set point is controlled by FREQUENCY_SWITCH, if no SYNC/PWM_CFG input clock is present.
Note 2. If an external synchonrization clock is used as well as a configuration resistor, the clock source must be AC-coupled with a 1.5nF series capacitor,
and the clock source must be inactive during initialization of the LT7182S. The configuration resistor value should be chosen to set the internal PWM
switching frequency to a similar value to the input clock.
Note 3. Steady-State PWM Switching Phase is controlled by MFR_PWM_PHASE_LT7182S.
Note 4. PWM Mode is controlled by MFR_PWM_MODE_LT7182S bit 0. A value of 1 enables pulse-skip mode.
Note 5. Poly-phase follower/leader mode is controlled by MFR_CHAN_CONFIG_LT7182S bit 8. A value of 1 selects follower mode.
Note 6. Internal compensation is selected by tying ITH to INTVCC. For PWM_CFG resistor values ≤ 124kΩ, if external compensation is used, gmEA is set to
the maximum value (1.2mS for High-Performance Low-VOUT mode; 300µS for Standard mode). For internal compensation, CITH is controlled by MFR_
PWM_MODE_LT7182S bits [8:6], and RITH is controlled by MFR_PWM_MODE_LT7182S bits [5:3]. gmEA is controlled by MFR_PWM_MODE_LT7182S
bits [13:11].
Note 7. The NVM default for MFR_PWM_MODE_LT7182S bits [11:9] is 0b011, which corresponds to gmEA = 600µS for High-Performance Low-VOUT
mode and gmEA = 150µS for Standard mode, regardless of internal or external compensation.
Note 8. The SYNC/PWM_CFG pin is a clock output when MFR_SYNC_CONFIG_LT7182S bit 0 is set to 1.
Note 9. When an external clock is detected during POR/reset of the LT7182S, internal compensation parameters CITH and RITH are chosen based on the
measured external clock frequency:
• 400kHz to 625kHz: RITH = 20kΩ, CITH = 80pF
• 625kHz to 1.25MHz: RITH = 40kΩ, CITH = 80pF
• 1.25MHz to 2.5MHz: RITH = 40kΩ, CITH = 80pF
• 2.5MHz to 4MHz: RITH = 40kΩ, CITH = 60pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com