Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4700
Description  Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices LTM4700 Datasheet HTML 13Page - Analog Devices LTM4700 Datasheet HTML 14Page - Analog Devices LTM4700 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LT7182S
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VSENSE0N, VSENSE1N (Pin 1, Pin 12): Output Voltage
Negative Sense Inputs. Connect these pins to the output
voltage ground sense points.
VSENSE0P, VSENSE1P (Pin 2, Pin 11): Output Voltage
Positive Sense Inputs. Connect these pins to the output
voltage sense points.
SGND (Pin 3): Signal Ground. This pin should be con-
nected to board ground in exactly one place, directly
beneath the LT7182S.
ITH0, ITH1 (Pin 4, Pin 5): Error Amplifier Output and
Switching Regulator Compensation Points. Connect the
appropriate external components between these pins
and SGND to compensate the regulator loop frequency
response, or connect the ITH pin to INTVCC to select inter-
nal compensation for the channel.
INTVCC (Pin 6): Internal 3V LDO Regulator Bypass. This
regulator provides the supply current for internal circuitry.
This pin must be bypassed to SGND with a 10µF or greater,
low ESR ceramic capacitor, as close as possible to the IC.
Do not load the INTVCC pin with external circuitry.
VDD18 (Pin 7): Internal 1.8V Regulator Bypass. This pin
must be bypassed to ground (SGND or PGND) with a
4.7µF or greater, low ESR ceramic capacitor. Do not load
the VDD18 pin with external circuitry.
VOUT0_CFG (Pin 8): Output Voltage Configuration for
Channel 0. Connect a 1% resistor from VOUT0_CFG to
ground (SGND or PGND) according to Table 2 in the
Applications Information section to select one of six-
teen output voltage set points. If left floating or tied to
VDD18, the LT7182S will use the value of VOUT_COMMAND
programmed in EEPROM. The VOUT0_CFG pin is read at
LT7182S startup and reset.
VOUT1_CFG/POLYPHASE_CFG (Pin 9): Output Voltage
Configuration for Channel 1 or Polyphase Configuration.
If the SYNC/PWM_CFG pin is NOT configured for
Polyphase, then a 1% resistor from VOUT1_CFG/
POLYPHASE_CFG to ground (SGND or PGND) selects the
voltage set point according to Table 2 in the Applications
Information Section. If the SYNC/PWM_CFG pin is con-
figured for Polyphase, then the channel 1 output is set
to the same value as channel 0 based on VOUT0_CFG
and a 1% resistor from VOUT1_CFG/POLYPHASE_CFG
to SGND selects a Polyphase configuration according
to Table 4 in the Applications Information section. The
VOUT1_CFG/POLYPHASE_CFG pin is read at LT7182S
startup and reset.
ASEL (Pin 10): Serial Bus Address Configuration. Connect
a 1% resistor from ASEL to ground (SGND or PGND)
to select one of sixteen serial bus interface addresses.
See the description of MFR_ADDRESS in the LT7182S
PMBus/I2C Reference Manual. The ASEL pin is read at
LT7182S startup and reset. If the ASEL pin is left float-
ing, the factory default 7-bit device address is 0x4F. If the
ASEL pin is grounded, the factory default device address
is 0x40.
BOOST1 (Pin 13): Boosted Floating Driver Supply.
Connect a 0.1µF boost capacitor from BOOST1 to SW1
as close as possible to the IC, using the top PCB layer.
The normal operation voltage swing of this pin is from
DRVCC to PVIN1+DRVCC
PGND (Pins 14, 19, 34, 39, Exposed Pad Pins 42-43):
Power Ground. The (–) terminal of the PVIN0, PVIN1 input
bypass capacitors, and the (–) terminal of the output
capacitors, COUT0 and COUT1, should be tied to these
pins with low impedance connections. The PCB must be
designed to provide low impedance electrical and thermal
contact to power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com