Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1075
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 4 Page - Analog Devices

  ADM1075 Datasheet HTML 1Page - Analog Devices ADM1075 Datasheet HTML 2Page - Analog Devices ADM1075 Datasheet HTML 3Page - Analog Devices ADM1075 Datasheet HTML 4Page - Analog Devices ADM1075 Datasheet HTML 5Page - Analog Devices ADM1075 Datasheet HTML 6Page - Analog Devices ADM1075 Datasheet HTML 7Page - Analog Devices ADM1075 Datasheet HTML 8Page - Analog Devices ADM1075 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
LTC4283
4
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VIN
Shunt Regulated Voltage at VIN
IIN + IVZ = 4mA
l
10.8
11.5
12
V
∆VIN
Load Regulation at VIN
IIN + IVZ = 4mA to 35mA
l
250
500
mV
IIN
VIN Supply Current
VIN = 10.5V
l
2.5
4
mA
VIN(UVLO)
VIN Undervoltage Lockout Threshold
VIN Rising
l
7.5
8.1
8.6
V
∆VIN(UVLO)
VIN Undervoltage Lockout Hysteresis
l
0.4
0.5
0.6
V
IVZ
VZ Input Current
VIN = 10.5V, VZ = 15V
l
20
µA
INTVCC
Internal 5V LDO Voltage
ILOAD = 1mA to 30mA, IIN + IVZ = 35mA
l
4.75
5.05
5.35
V
VCC(UVLO)
INTVCC Undervoltage Lockout Threshold INTVCC Rising
l
3.65
4
4.3
V
∆VCC(UVLO)
INTVCC Undervoltage Lockout Hysteresis
l
0.12
0.2
0.3
V
Gate Drive
VGATE
Gate Drive Voltage for GATE
l
VIN – 0.3
VIN
VIN + 0.3
V
VGATE(TH)
Gate High Threshold for Asserting Power
Good
GATE Rising
l
VIN – 2.1
VIN – 1.8
VIN – 1.5
V
VGATE(HYST)
Gate High Hysteresis
l
0.3
0.7
1.1
V
IGATE(UP)
GATE Pull-Up Current
VGATE = 4V
l
–80
–100
–150
µA
IGATE(DN)
GATE Fast Pull-Down Current
∆VSENSE = VILIM(FAST) + 10mV, VGATE = 7V
l
1
2.3
4
A
GATE Current Limit Pull-Down Current
∆VSENSE = VILIM + 5mV, VGATE = 7V
l
25
50
100
mA
GATE Turn Off Pull-Down Current
TMR, OV, EN# = High, UVL = Low,
VGATE = 7V
l
8
18
40
mA
On/Off Timing
tPHL(SENSE)
∆VSENSE High to GATE Low Propagation
Delay
ILIM = 0000b, ∆VSENSE Steps from 0mV to
100mV, VGATE < 3V, GATE Open
l
60
150
ns
tPHL(GATE)
GATE Turn Off Propagation Delay
TMR, OV, EN# = High, UVL = Low, VGATE < 3V,
GATE Open
l
0.5
1
µs
tDL(DB)
Debounce Delay, Auto-Retry Delay
Following Undervoltage or PGI Fault
l
115
128
141
ms
tDL(PG)
Power Good Delay
l
230
256
282
ms
tDL(PGIWD)
Power Good Input Watchdog Timer
l
461
512
563
ms
tDL(RTRY)
Auto-Retry Delay Following Overcurrent,
FET Bad or External Fault (Table 11)
COOLING_DL = 000b – 111b
l
±10
%
tDL(RTCRST)
Auto-Retry Counter Reset Delay
OC_RETRY, FET_BAD_RETRY = 01b, 10b
l
14.8
16.4
18
s
tDL(FETBAD)
FET Bad Fault Timer Delay (Table 11)
FTBD_DL = 00b – 11b
l
±10
%
tDL(RBT)
Auto-Reboot Delay (Table 23)
After RBT_EN Bit is Set Via I2C Interface,
RBT_DL = 000b – 111b
l
±10
%
dV/dt Control
IRAMP
RAMP Output Current
Startup Only, dV/dt Control Enabled
l
–2.25
–2.5
–2.75
µA
IRAMP(DN)
RAMP Discharge Current
VRAMP = 1.2V
l
1
4
10
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IIN + IVZ = 4mA with VIN Connected to VZ. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com