Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1075
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 17Page - Analog Devices ADM1075 Datasheet HTML 18Page - Analog Devices ADM1075 Datasheet HTML 19Page - Analog Devices ADM1075 Datasheet HTML 20Page - Analog Devices ADM1075 Datasheet HTML 21Page - Analog Devices ADM1075 Datasheet HTML 22Page - Analog Devices ADM1075 Datasheet HTML 23Page - Analog Devices ADM1075 Datasheet HTML 24Page - Analog Devices ADM1075 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
LTC4283
21
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2b. –48V/600W Dual-Feed Hot Swap Controller with LTC4283 (Part Two)
M1A
PSMN4R8-100BSE
M1B
PSMN4R8-100BSE
RG1A
10
RG1B
10
RD
100k
RDT
200k
1%
RG1
470
CG1
100nF
CL
500µF
RDB
5.11k
1%
QIN
BCP56
RZ
100k
CVCC
1µF
R13
5.1k
R14
5.1k
R15
5.1k
R16
5.1k
R17
5.1k
R18
5.1k
Q5
HCPL-0300
Q6
6N139
R19
5.1k
Q7
MOC207
Q10
6N139
R22
5.1k
Q8
Q9
R20
0.51k
R21
0.51k
RL
343, 2.4k
28.7W, ×7
0805
MBRM5100
4283 F02b
INTVCC
GATE
DRAIN
VZ
VIN
SCL
SDAI
SDAO
ALERT#
PGIO4
LTC4283
DRNS
A
B
VEE
PGIO3
PGIO1
PGIO2
CASE
VIN–
VOUT–
VOUT–
VIN–
VOUT+
VIN+
VOUT+
VIN+
FLTR100V10
FILTER
MODULE
CASE
JW050A1-E
POWER
MODULE
ON
VDD
GND
RST
LTC2900
VDD
MICRO-
CONTROLLER
SCL
SDA
ALERT RST
HCPL-
2630
DUAL
100V
OV TRANSIENT
RESERVOIR
CAPACITOR
VEE
VEE
VEE
VEE
VEE
GND
VEE
VOUT
VLOAD
+
–
CIN
0.1µF
CZ
0.1µF
RTN
–48V
RZ
1M
CZ
0.1µF
CIN
0.1µF
MIN
IXTY08N100D2
VZ
VIN
LTC4283
4283 F03
VEE
DEPLETION-
MODE
–48V
CIN
0.1µF
VZ
VIN
LTC4283
VEE
VEE
EXTERNAL
12V
SUPPLY*
VEE
4283 F04
*MUST COMPLY WITH MAXIMUM
RATING OF VIN PIN
The turn-on sequence continues by charging up GATE
with 100μA current source. When the GATE voltage
reaches the MOSFET threshold voltage, the MOSFET
begins to turn on and the inrush current charges the
load capacitor CL to ramp the MOSFET drain towards
VEE in a controlled manner (see Inrush Control). When
the MOSFET drain is ramped down to VEE or the output
is ramped up to the supply voltage, GATE is pulled up to
VIN and the MOSFET is fully enhanced. The GATE_HIGH
bit in SYSTEM_STATUS register 0x00 is set when GATE is
above VIN – 1.8V. Figure 5 illustrates the startup sequence
of the LTC4283.
During the power-on-reset delay of 1.3ms, the fault regis-
ters are cleared and the control registers are loaded with
the data held in the corresponding EEPROM registers.
The power-on-reset can be detected using the PORB bit
in register 0x0E, which will be cleared when INTVCC dips
below 3.8V. Set this bit to 1 in normal operating condi-
tions and keep monitoring this bit. A 0 from subsequent
reading indicates a power-on-reset has occurred.
Figure 3. The LTC4283 Can Operate to >300V
Using a Depletion Mode N-Channel MOSFET
Figure 4. Using an External 12V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com