Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1075
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 35Page - Analog Devices ADM1075 Datasheet HTML 36Page - Analog Devices ADM1075 Datasheet HTML 37Page - Analog Devices ADM1075 Datasheet HTML 38Page - Analog Devices ADM1075 Datasheet HTML 39Page - Analog Devices ADM1075 Datasheet HTML 40Page - Analog Devices ADM1075 Datasheet HTML 41Page - Analog Devices ADM1075 Datasheet HTML 42Page - Analog Devices ADM1075 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
LTC4283
39
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Three resistors of 2.25mΩ each would give the correct
sense resistance. The closest next-larger available sense
resistor value is 3mΩ:
RS=
3mΩ
3
=1mΩ
Adjust the sense voltage to 20mV to restore the current by
setting the ILIM bits in CONFIG_1 register 0X0D to 0101b:
ILIM =
VILIM
RS
=
20mV
1mΩ
= 20A
Recompute the sense power:
PS =20mV • 20A = 400mW
The power dissipation of each resistor package is now
400mW/3 = 133mW, still an acceptable value for 1206
resistors. Sense voltage may need to be readjusted to
account for current sensing inaccuracies such as contact
and copper trace resistances, as explained in Example 1,
Step 1.
Step 2. Select resistive dividers for DRNS (drain sense),
RTNS (RTN sense) and VOUTTH (output low reference).
See Example 1, Step 2 for detailed design considerations.
First compute the divider ratio r for RTNS and DRNS:
r
=
VS(MAX)
1.8V
=
52.8V
1.8V
= 29.3
Standard values of 280kΩ and 10kΩ give a divider ratio of
29. The ADC measurement full-scale for input (at RTNS)
and MOSFET drain (at DRNS) voltages is
VFS(MEAS) = r • 2.048V = 29 • 2.048V = 59.4V
which gives a LSB size of 14.5mV in 12-bit mode.
With VLOAD = 29 • 1.8V = 52.2V corresponding to
RTNS – DRNS = 1.8V, the current limit starts to fold back
when VLOAD drops below 26.1V in overload conditions.
There is no foldback at normal input between −43.2V
and −52.8V, allowing the MOSFETs to pass the full load
current.
If 40V is chosen as the output voltage threshold to reset
power good signals, with a divider ratio of 29 on DRNS
and RTNS, the VOUTTH threshold is 40V/29 = 1.379V. This
voltage can be obtained with a resistive divider between
INTVCC (5V) and VEE. The divider ratio is 5V/1.379V =
3.63. A divider of 26.7k and 10.2k as shown Figure 13
gives a close enough ratio of 3.62.
Step 3. Design the TMR behavior. See Example 1, Step 3
for general design considerations. Since there is no con-
cern about a large input step after startup, a very short
timer delay is needed for MOSFET turn-off upon a fault
such as output short-circuit. Therefore, the TMR function
is essentially a filtered circuit breaker and a single timer
capacitor on TMR works just fine for this purpose.
It has been found that 20μs of circuit breaker filtering is
sufficient to reject noise encountered in most systems.
The TMR pull-up current is 202μA at maximum overload,
with a voltage threshold of 2.048V. Compute the timer
capacitance, Ct, for 20μs filter delay:
Ct=
ITMR(UP),MAX • tFILTER
VTMR(TH)
=
202µA • 20µs
2.048V
=2nF
Select the closest next-larger available capacitance:
Ct = 2.2nF. With single capacitor on TMR, the THERM_
TMR bit in CONTROL_1 register 0x0A must be cleared to
enable the internal 2μA pull down current. Additionally, the
FB_DIS bit in CONTROL_1 register 0x0A should be cleared
to keep foldback enabled after startup to protect MOSFET
from damage upon a low impedance short-circuit.
Step 4. Design the startup current and FET bad timer.
Since in Step 3 the TMR function is designed as a short
circuit-breaker delay, it is desired to use the dV/dt startup
mode so that a small trickle current charges the load
capacitance without triggering current limit. (see dis-
cussions in Example 1, Step 5). The design procedure
involves selecting a RAMP capacitor to set the dV/dt rate
for desired charging current, selecting a proper startup
current limit and checking the temperature rise of the
MOSFET under a resistive short condition.
Choice of the charging current is a trade-off between
maximum charging time and peak temperature of the
MOSFET. As discussed in Example 1, Step 5, the charging
current should be set to a low level that is just necessary
to achieve the required charging time. Suppose an upper
limit of 300ms charging time is desired for a 1000μF load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com