| Electronic Components Datasheet Search |
|
ADM1075 Datasheet(PDF) 69 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1075 Datasheet(HTML) 69 Page - Analog Devices |
|
69 / 74 page ![]() LTC4283 69 Rev. B For more information www.analog.com APPLICATIONS INFORMATION BIT NAME OPERATION DEFAULT ADC_ALERT_5 (0x1A) – Read/Write 7 ADIN12_HIGH_ALERT Enables alert when ADIN2 – ADIN1 was above ADIN12_MAX_TH; 1 = enable alert, 0 = disable alert 0 6 ADIN12_LOW_ALERT Enables alert when ADIN2 – ADIN1 was below ADIN12_MIN_TH; 1 = enable alert, 0 = disable alert 0 5 ADIN34_HIGH_ALERT Enables alert when ADIN4 – ADIN3 was above ADIN34_MAX_TH; 1 = enable alert, 0 = disable alert 0 4 ADIN34_LOW_ALERT Enables alert when ADIN4 – ADIN3 was below ADIN34_MIN_TH; 1 = enable alert, 0 = disable alert 0 3 ADIO12_HIGH_ALERT Enables alert when ADIO2 – ADIO1 was above ADIO12_MAX_TH; 1 = enable alert, 0 = disable alert 0 2 ADIO12_LOW_ALERT Enables alert when ADIO2 – ADIO1 was below ADIO12_MIN_TH; 1 = enable alert, 0 = disable alert 0 1 ADIO34_HIGH_ALERT Enables alert when ADIO4 – ADIO3 was above ADIO34_MAX_TH; 1 = enable alert, 0 = disable alert 0 0 ADIO34_LOW_ALERT Enables alert when ADIO4 – ADIO3 was below ADIO34_MIN_TH; 1 = enable alert, 0 = disable alert 0 Table 17. ENERGY Registers (0x7A-0x7F) – Read/Write BIT NAME OPERATION DEFAULT 47:0 ENERGY Data of metered energy 0x0000_0000_0000 Table 18. TICK_COUNTER Registers (0x80-0x83) – Read/Write BIT NAME OPERATION DEFAULT 31:0 TICK_COUNTER Counts number of ADC conversion cycles that power measurements have been accumulated in the energy meter 0x0000_0000 Table 19. METER_CONTROL Register (0x84) – Read/Write BIT NAME OPERATION DEFAULT 7 METER_RESET Resets energy meter and tick counter until cleared; 1 = reset, 0 = reset cleared 0 6 METER_HALT Halts energy meter and tick counter from accumulating; 1 = halted, 0 = not halted 0 5 TICK_OVERFLOW Tick counter has overflowed; 1 = overflowed, 0 = not overflowed 0 4 METER_OVERFLOW Energy meter accumulator has overflowed; 1 = overflowed, 0 = not overflowed 0 3 ALERT_GENERATED Latched to 1 when an alert is generated and can only be cleared via I2C; 1 = alert generated, 0 = alert has not been generated 0 2 EE_LOCK EEPROM lock status, read only; 1 = EEPROM is factory locked, 0 = EEPROM is not factory locked 0 1:0 Reserved Read only, always returns 0 00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |