Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4263
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4263 Datasheet HTML 3Page - Analog Devices LTC4263 Datasheet HTML 4Page - Analog Devices LTC4263 Datasheet HTML 5Page - Analog Devices LTC4263 Datasheet HTML 6Page - Analog Devices LTC4263 Datasheet HTML 7Page - Analog Devices LTC4263 Datasheet HTML 8Page - Analog Devices LTC4263 Datasheet HTML 9Page - Analog Devices LTC4263 Datasheet HTML 10Page - Analog Devices LTC4263 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC4291-1/LTC4292
7
Rev 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ARA to INT Pin High Time
(Note 9)
l
1.5
µs
SCL Fall to ACK Low
(Note 9)
l
130
ns
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGNDP – VEE = 54V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. With the exception of (VDD –
DGND), exposure to any Absolute Maximum Rating condition for extended
periods may affect device reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 140ºC when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative.
Note 4: The LTC4292 operates with a negative supply voltage (with
respect to AGNDP). To avoid confusion, voltages in this data sheet are
referred to in terms of absolute magnitude.
Note 5: tDIS is the same as tMPDO defined by IEEE 802.3.
Note 6: The LTC4291-1 digital interface operates with respect to DGND. All
logic levels are measured with respect to DGND.
Note 7: Guaranteed by design, not subject to test.
Note 8: The IEEE 802.3 specification allows a PD to present its
Maintain Power Signature (MPS) on an intermittent basis without being
disconnected. In order to stay powered, the PD must present the MPS for
tMPS within any tMPDO time window.
Note 9: Values Measured at VILD and VIHD.
Note 10: If a fault condition occurs during an I2C transaction, the INT pin
will not be pulled down until a stop condition is present on the I2C bus.
Note 11: Load characteristics of the LTC4292 during Mark: 7V <
(AGNDP – VOUTnM) < 10V or IOUTnM < 50µA.
Note 12: See the LTC4291 Software Programming documentation for
information on serial bus usage and device configuration and status
registers.
Note 13: Do not source or sink current from CAP1 and CAP2.
Note 14: For single-signature PDs, tPON is measured from end of valid
detect on either power channel. For dual-signature PDs, tPON is measured
from the end of valid detect on the same power channel.
Note 15: Port current and port power measurements depend on sense
resistor value (0.15Ω typical). See External Component Selection for
details.
Note 16: The full-scale range for each power channel is half of the port
full-scale range.
Note 17: See Inrush Control for details on inrush threshold selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com