Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4263
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 3 Page - Analog Devices

  LTC4263 Datasheet HTML 1Page - Analog Devices LTC4263 Datasheet HTML 2Page - Analog Devices LTC4263 Datasheet HTML 3Page - Analog Devices LTC4263 Datasheet HTML 4Page - Analog Devices LTC4263 Datasheet HTML 5Page - Analog Devices LTC4263 Datasheet HTML 6Page - Analog Devices LTC4263 Datasheet HTML 7Page - Analog Devices LTC4263 Datasheet HTML 8Page - Analog Devices LTC4263 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC4291-1/LTC4292
3
Rev 0
For more information www.analog.com
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4291IUF-1#PBF
LTC4291IUF-1#TRPBF
42911
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC4292IUJ#PBF
LTC4292IUJ#TRPBF
LTC4292UJ
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGNDP – VEE = 54V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main PoE Supply Voltage
AGNDP – VEE
For IEEE Type 3 Compliant Output
For IEEE Type 4 Compliant Output
l
l
51
53
57
57
V
V
Undervoltage Lock-Out
AGNDP – VEE
l
20
25
30
V
VDD
VDD Supply Voltage
VDD – DGND
l
3.0
3.3
3.6
V
Undervoltage Lock-Out
VDD – DGND
2.7
V
VCAP1
Internal Regulator Supply Voltage
VCAP1 – DGND
1.84
V
VCAP2
Internal Regulator Supply Voltage
VCAP2 – VEE
4.3
V
IEE
VEE Supply Current
(AGNDP – VEE) = 55V
l
9
15
mA
REE
VEE Supply Resistance
(AGNDP – VEE) < 15V
l
12
kΩ
IDD
VDD Supply Current
(VDD – DGND) = 3.3V
l
10
15
mA
Detection/Connection Check
Forced Current
First Point, AGNDP – VOUTnM = 9V
Second Point, AGNDP – VOUTnM = 3.5V
l
l
220
143
240
160
260
180
µA
µA
Forced Voltage
AGNDP – VOUTnM, 5µA ≤ IOUTnM ≤ 500µA
First Point
Second Point
l
l
7
3
8
4
9
5
V
V
Detection/Connection Check Current
Compliance
AGNDP – VOUTnM = 0V
l
0.8
0.9
mA
VOC
Detection/Connection Check Voltage
Compliance
AGNDP – VOUTnM, Open Port
l
10.4
12
V
Detection/Connection Check Voltage
Slew Rate
AGNDP – VOUTnM, CPORT = 0.15µF (Note 7)
l
0.01
V/µs
Min. Valid Signature Resistance
l
15.5
17
18.5
kΩ
Max. Valid Signature Resistance
l
27.5
29.7
32
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com