Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4263
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4263 Datasheet HTML 20Page - Analog Devices LTC4263 Datasheet HTML 21Page - Analog Devices LTC4263 Datasheet HTML 22Page - Analog Devices LTC4263 Datasheet HTML 23Page - Analog Devices LTC4263 Datasheet HTML 24Page - Analog Devices LTC4263 Datasheet HTML 25Page - Analog Devices LTC4263 Datasheet HTML 26Page - Analog Devices LTC4263 Datasheet HTML 27Page - Analog Devices LTC4263 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTC4291-1/LTC4292
24
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
802.3bt Classification of Dual-Signature PDs
Classification and power allocations to each pairset of a
dual-signature (DS) PD are fully independent. For exam-
ple, a DS PD may request Class 1 (3.84W) on one pairset
and a Class 4 (25.5W) on the second pairset for a total
PD requested power of 29.3W. As such, all classification
is performed to the pairset entity as opposed to the PD.
The terms should be considered interchangeable for the
remainder of this section.
Type 3 and Type 4 PSEs issue three classification events
(see Figure 18) to all Class 1 through 4 DS PDs.
Power limited Type 3 and Type 4 PSEs may issue a class
reset to Class 4 and 5 DS PDs in order to demote those
PDs to 13W (see Understanding 4PID section).
PSEs may issue three classification events to Class 5 and
higher SS PDs in order to demote those PDs to 25.5W.
Type 3 and 4 PSEs present four classification events (see
Figure 19) to Class 5 and 6 SS PDs if sufficient power is
available. Class 5 and 6 SS PDs present class signature
4 on the first two events. Class 5 and 6 SS PDs present
class signature 0 or 1, respectively, on the subsequent
events. Power limited PSEs may issue four events to Class
7 and 8 SS PDs in order to demote those PDs to 51W.
Type 4 PSEs present five classification events (see
Figure 20) to Class 7 and 8 SS PDs if sufficient power
is available. Class 7 and 8 PDs present class signature
4 on the first two events. Class 7 and 8 SS PDs present
class signature 2 or 3, respectively, on the subsequent
events.
Figure 17. Type 3 or 4 PSE, 1-Event Class Sequence
42911 F17
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
POWER ON
Figure 18. Type 3 or 4 PSE, 3-Event Class Sequence
42911 F18
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
3RD
MARK
2ND
CLASS
3RD
CLASS
POWER ON
Figure 19. Type 3 or 4 PSE, 4-Event Class Sequence
42911 F19
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
3RD
MARK
4TH
MARK
2ND
CLASS
3RD
CLASS
4TH
CLASS
POWER ON
42911 F20
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
3RD
MARK
4TH
MARK
5TH
MARK
2ND
CLASS
3RD
CLASS
4TH
CLASS
5TH
CLASS
POWER ON
Figure 20. Type 4 PSE, 5-Event Class Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com