Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4263
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 2 Page - Analog Devices

  LTC4263 Datasheet HTML 1Page - Analog Devices LTC4263 Datasheet HTML 2Page - Analog Devices LTC4263 Datasheet HTML 3Page - Analog Devices LTC4263 Datasheet HTML 4Page - Analog Devices LTC4263 Datasheet HTML 5Page - Analog Devices LTC4263 Datasheet HTML 6Page - Analog Devices LTC4263 Datasheet HTML 7Page - Analog Devices LTC4263 Datasheet HTML 8Page - Analog Devices LTC4263 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC4291-1/LTC4292
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
LTC4292
Supply Voltages
AGNDP – VEE ......................................... –0.3V to 80V
VSSK12, VSSK34 (Note 7)... VEE – 0.3V to VEE + 0.3V
Digital Pins
PWRMD0, PWRMD1 ........ VEE – 0.3V to CAP2 + 0.3V
Analog Pins
SENSEnM, GATEnM, OUTnM VEE – 0.3V to VEE + 80V
CAP2 (Note 13) ...................... VEE – 0.3V to VEE + 5V
CPA, CNA, DPA, DNA..............VEE – 0.3V to VEE + 0.3
Operating Ambient Temperature Range
LTC4292I .............................................–40°C to 85°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 4)
LTC4291-1
Supply Voltages
VDD – DGND ......................................... –0.3V to 3.6V
Digital Pins
SCL, SDAIN, SDAOUT, INT, RESET, MSD, ADn, AUTO,
4PVALID, GPn .................DGND – 0.3V to VDD + 0.3V
Analog Pins
CAP1 (Note 13)...........................–0.3V to DGND + 2V
CPD, CND, DPD, DND ......DGND – 0.3V to VDD + 0.3V
Operating Ambient Temperature Range
LTC4291I-1 ..........................................–40°C to 85°C
Junction Temperature (Note 2) ............................ 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
LTC4292
LTC4291-1
12
11
13 14 15
TOP VIEW
41
VEE
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
TJMAX = 125°C, θJC = 2°C/W, θJA = 33°C/W
EXPOSED PAD (PIN 41) IS VEE, MUST BE SOLDERED TO PCB
16 17 18 19 20
39
40
38 37 36 35 34 33 32 31
23
24
25
26
27
28
29
30
8
7
6
5
4
3
2
1
GATE1A
OUT1A
GATE1B
OUT1B
VSSK12
CAP2
GATE2A
OUT2A
GATE2B
OUT2B
GATE4B
OUT4B
GATE4A
OUT4A
VSSK34
AGNDP
GATE3B
OUT3B
GATE3A
OUT3A
22
21
9
10
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
TJMAX = 125°C, θJC = 4°C/W, θJA = 47°C/W
EXPOSED PAD (PIN 25) IS DGND, MUST BE SOLDERED TO PCB
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
AD0
AD1
AD2
AD3
DGND
4PVALID
SCL
SDAIN
SDAOUT
INT
RESET
DNC
25
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com