Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 12Page - Analog Devices LTC4012 Datasheet HTML 13Page - Analog Devices LTC4012 Datasheet HTML 14Page - Analog Devices LTC4012 Datasheet HTML 15Page - Analog Devices LTC4012 Datasheet HTML 16Page - Analog Devices LTC4012 Datasheet HTML 17Page - Analog Devices LTC4012 Datasheet HTML 18Page - Analog Devices LTC4012 Datasheet HTML 19Page - Analog Devices LTC4012 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
LTC4162-S
Rev B
For more information www.analog.com
OPERATION
the external MOSFETs will be enabled at a time. If VIN is
more than 150mV above BATSENS+, the MOSFET from
the input to the system load will be enabled and the one
from the system load to BATSENS+ will block conduction
preventing overcharging of the battery. If VIN falls more
than 20mV below BATSENS+ the MOSFET from the input
supply to the system load will be disabled preventing
reverse conduction and the MOSFET from BATSENS+ to
the system load will be enabled powering downstream
circuitry from the battery. It is important not to back drive
VOUT as one or the other of the power path MOSFETs will
always be enabled.
Step Down Switching Battery Charger
The LTC4162’s battery charger is based on a very efficient
synchronous step down switching regulator. As with any
modern battery charger, the LTC4162 incorporates both
constant-current and constant-voltage feedback control
loops to prevent overcharging. The switching charger can
charge 6V, 12V, 18V or 24V lead-acid batteries.
Normal charging begins with a constant current until the
battery reaches its target voltage. The charge current is
determinedbythecombinationofthesenseresistor,RSNSB,
placed in series with the inductor and the servo control
voltagesetbycharge_current_setting.Aninternalsoft-start
algorithm ramps up the charge current setting from zero
to its present setting. Once the battery voltage reaches the
programmed voltage limit the constant-current control
loop hands off to the constant-voltage control loop. The
final battery voltage is set with vcharge_setting. CELLS0
and CELLS1 provide a charge voltage multiplier so that
6V, 12V, 18V or 24V batteries can be charged.
The charge current is given by:
ICHARGE = (charge _ current _ setting+ 1)
1mV
RSNSB
where charge_current_setting ranges from 0 to 31.
The charge voltage is given by the expression:
VCHARGE = (6.0V + 28.571mV • vcharge_setting) • N
where vcharge_setting ranges from 0 to 63 and N is 1,
2, 3 or 4 for a 6V, 12V, 18V or 24V battery respectively.
Beyond the conventional constant-current and constant-
voltage control loops, the LTC4162 also has the ability to
monitor and control both input current and input voltage,
regulating battery charge power based on any one of these
four control loops. Power limit is prioritized based on the
lowestset-pointofthegroup.Forexample,ifthecombined
system load plus battery charge current is large enough
to cause the switching charger to reach the programmed
inputcurrentlimit,theinputcurrentlimitwillreducecharge
current to limit the voltage across the input sense resistor,
RSNSI, to the iin_limit_target. Even if the charge current
is programmed to exceed the allowable input current, the
input current due to charge current will not be violated;
the charger will reduce its current as needed. Similarly,
the input voltage limit loop, controlled by input_under-
voltage_setting, can be used to prevent resistive power
sources such as a solar panel from dragging the input
voltage down below its under-voltage lockout level.
Only target values can be programmed with the I2C port.
TheLTC4162usesthetargetvaluesasastartingpointfrom
which the charging algorithms calculate the actual values
to be applied to the DACs to support functions such as
temperature compensated charge voltages and currents,
maximum power point tracking, charger soft starting,
etc. The target value registers are read/write whereas the
actual DAC value registers, icharge_dac, vcharge_dac,
iin_limit_dac and input_undervoltage_dac are read only.
Due to its all NMOS switch design, a small charge pump
capacitor is required from SW to BOOST to provide high
side boosted drive for the top switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com