Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 22Page - Analog Devices LTC4012 Datasheet HTML 23Page - Analog Devices LTC4012 Datasheet HTML 24Page - Analog Devices LTC4012 Datasheet HTML 25Page - Analog Devices LTC4012 Datasheet HTML 26Page - Analog Devices LTC4012 Datasheet HTML 27Page - Analog Devices LTC4012 Datasheet HTML 28Page - Analog Devices LTC4012 Datasheet HTML 29Page - Analog Devices LTC4012 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
LTC4162-S
Rev B
For more information www.analog.com
OPERATION
aVishayNTCS0402E3103FLTorNTHS0402N02N1002JE.
vcharge_setting, vabsorb_delta, and v_equalize_delta
control the 25°C value of vcharge_dac. At other tempera-
tures, the value of vcharge_dac is adjusted based on the
thermistor_voltage to produce the temperature profile
shown in Figure 2. In effect, the temperature profile is
shifted up or down by increasing or decreasing the value
of vcharge_setting. The absorb and equalize voltages
follow along. The slope of the temperature compensation
response is not software programmable but can be shifted
left or right by changing the thermistor bias circuit. The
default vabsorb_delta value is 21 which translates to an
absorb voltage of 2.4V/cell at 25°C. The default v_equal-
ize_delta value is 42 which translates to an equalize volt-
age of 2.6V/cell at 25°C. Temperature compensation is
active over a thermistor_voltage range of 21437 to 912
which corresponds to an approximate temperature range
of –55°C to 135°C.
Figure 2. 12V Lead-Acid Temperature Profile
−50 −25
0
25
50
75 100 125 150
TEMPERATURE (°C)
11.4
12.0
12.6
13.2
13.8
14.4
15.0
15.6
16.2
CC–CV
EQUALIZE
ABSORB
4162S F02
Low Power Ship Mode
The LTC4162 can reduce its already low battery-only
standby current to about 2.8µA in a special mode designed
for shipment and storage. Ship mode is armed by setting
arm_ship_mode to arm. It does not take effect, however,
until the input voltage VIN drops below approximately 1V.
Uponreturnoftheinputvoltageaboveapproximately1Vthe
LTC4162wakesfromshipmode.Thedecisiontoremainout
of ship mode is latched once the internal voltage reference
is re-biased and VIN is detected as having reached about
4.2V (vin_gt_4p2v). In ship mode, the VCC2P5 2.5V logic
LDO and the INTVCC 5V system LDO are deactivated and,
along with them, all logic and communications with the
I2C port. Consequently, no settings or state information
will persist through a ship mode cycle.
Oscillator Synchronization
The SYNC pin is available to synchronize the switching
battery charger to an external clock for optimum noise
immunity. To use the SYNC pin, use the RT pin to set
the frequency of the internal oscillator to the frequency
expected by the SYNC signal. If no signal is present at
SYNC, the internal oscillator will run normally. If a signal
within the required tolerance range appears at SYNC, the
internal oscillator will detect it and synchronize with it. To
avoid a long or short cycle, synchronization won't occur
until the internal oscillator and external signals coincide.
Therefore, synchronization may take several thousand
cycles (milliseconds) to occur. If SYNC is not used, it
should just be grounded.
Under Voltage Lockout Circuits/suspend_charger/
System Faults
Various supply monitor circuits, as well as suspend_char-
ger, can disable charging. If the voltage at VIN falls below
BATSENS+ (i.e. not vin_gt_vbat), or thermal_shutdown
(die temperature above ~150°C), no_rt resistor, not
intvcc_gt_2p8v, not vin_gt_4p2v, or a CELLS0/1 pins
cell_count_err, the LTC4162 suspends charging and
reports charger_suspended. In the absence of any of the
above fault conditions, charging is re-enabled when VIN
rises VIN_DUVLO above the BATSENS+ voltage.
LTC4162 Lead-Acid Variants
The LTC4162-SAD is fully programmable and follows
the descriptions given thus far but, for added safety, the
LTC4162-SST non-programmable version is available
which prevents writing to v_equalize_delta, max_equal-
ize_time, vabsorb_delta, max_absorb_time,vcharge_set-
ting and en_sla_temp_comp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com