Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 17Page - Analog Devices LTC4012 Datasheet HTML 18Page - Analog Devices LTC4012 Datasheet HTML 19Page - Analog Devices LTC4012 Datasheet HTML 20Page - Analog Devices LTC4012 Datasheet HTML 21Page - Analog Devices LTC4012 Datasheet HTML 22Page - Analog Devices LTC4012 Datasheet HTML 23Page - Analog Devices LTC4012 Datasheet HTML 24Page - Analog Devices LTC4012 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
LTC4162-S
Rev B
For more information www.analog.com
OPERATION
where typically RNTCBIASissetequaltoR25,the25°Cvalue
of the thermistor. To arrive at the thermistor's temperature
in °C from thermistor_voltage substitute RNTC from:
RNTC = RNTCBIAS •
thermistor_ voltage
18191• 1.2 − thermistor_voltage
into Equation 1 or Equation 2.
For thermistors with a β25/85 value higher than 3490K
see Alternate Thermistors and Biasing in the Applications
Information section.
Output Current Measurement
There is no sense resistor dedicated to measuring output
current but its value can be obtained nonetheless. Output
current is delivered from the input supply if vin_gt_vbat
is true and from the battery if it is false.
If vin_gt_vbat is true and the battery charger is enabled
(en_chg is true) then the input current measurement will
be the sum of current to the switching charger and the
output load. In this instance the switching charger will
need to be disabled with suspend_charger to obtain an
output current reading. It's also possible that the charger
may already be terminated. If en_chg is false then set
telemetry_speed to tel_high_speed, wait 20ms or more,
and record iin as output current. If en_chg is true then set
both suspend_charger and force_telemetry_on to 1 and
telemetry_speed to tel_high_speed, wait 20ms or more
for at least one telemetry cycle, and again record iin as
output current. suspend_charger should then be cleared.
On the other hand if vin_gt_vbat is false then the output
currentwillbedeliveredfromthebatteryanditsvaluecanbe
obtainedfrom–ibat.Sincevin_gt_vbatislow,thetelemetry
system will be disabled and the ibat reading will be stale.
To enable the telemetry system, set force_telemetry_on to
1andtelemetry_speedtotel_high_speed.telemetry_valid
indicates when fresh telemetry readings are available. To
avoid polling for telemetry_valid a telemetry_valid_alert
can be set with en_telemetry_valid_alert. Once the read-
ing is obtained, force_telemetry_on can be cleared or
telemetry_speed set to tel_low_speed for power savings.
Low Power Telemetry
Ifinputpowerisavailable(vin_gt_vbat=1),andthebattery
is being charged, the telemetry system will be in its high
speed mode returning results at a rate of roughly once
per 11ms. If, on the other hand, charging has terminated
normally or paused due to battery temperature out of
range, the telemetry system will drop back to a rate of
about once every 5 seconds to save power. When input
power is not available (vin_gt_vbat = 0) it is still possible
to collect telemetry data by setting force_telemetry_on. To
save power in this mode the telemetry system will default
to the lower speed 5 second mode. To force the higher
telemetry rate, and suffer the higher quiescent current
of roughly 2.5mA, the telemetry_speed can be set to the
higher ~11ms rate by setting it to tel_high_speed.
Configurable Limit Alert Subsystem
The I2C port also supports the SMBus SMBALERT pro-
tocol, including the Alert Response Address. An alert can
optionally be generated if a monitored parameter exceeds
a programmed limit or if a selected battery charger_state
or any of a wide number of other charge_status change or
fault events occur. This off-loads much of the continuous
monitoringfromthesystem'smicrocontrollerandontothe
LTC4162; reducing bus traffic and microprocessor load.
The SMBALERT pin is asserted (pulled low) whenever
an enabled alert occurs. After asserting an interrupt, the
LTC4162 responds to the host's Alert Response Address
(ARA = 0b0001100[1]) with its own read address. If an-
other part with a pending alert and a lower address also
responds, that part wins the arbitration and the LTC4162
will stop responding to this ARA, keeping its SMBALERT
pin asserted. Only a response of the LTC4162's complete
read address will clear the LTC4162's SMBALERT signal.
Thisallowsthesystemtohavemanypartsshareacommon
interruptline.IfmultiplepartsareassertingtheSMBALERT
signal then multiple reads from the ARA are needed. For
more information refer to the SMBus specification.
After the ARA process is complete, alert bits can be cleared
by individually writing them to 0 and writing the remaining
bits in the register to 1. This preserves any other pending
alert bits as writing 1s to the alert registers are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com