Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4012
Description  35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 19Page - Analog Devices LTC4012 Datasheet HTML 20Page - Analog Devices LTC4012 Datasheet HTML 21Page - Analog Devices LTC4012 Datasheet HTML 22Page - Analog Devices LTC4012 Datasheet HTML 23Page - Analog Devices LTC4012 Datasheet HTML 24Page - Analog Devices LTC4012 Datasheet HTML 25Page - Analog Devices LTC4012 Datasheet HTML 26Page - Analog Devices LTC4012 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
23
LTC4162-S
Rev B
For more information www.analog.com
OPERATION
Battery Voltage Selection
The LTC4162 can charge either a 6V battery, a 12V battery,
an 18V battery or a 24V battery by pin strapping the
CELLS0/CELLS1 pins. CELLS1 and CELLS0 should be pin
strapped to either GND, VCC2P5, or INTVCC to make the
battery voltage selection (see Table 5). For added safety,
cell_count can be read back from the I2C port. cell_count
will read back 2 for every multiple of 6V selected. Any
combination of pins not shown in Table 5 will result in a
cell_count_err and will inhibit charging.
Table 5. CELLS0 and CELLS1 Pin Mapping to Battery Voltage
CELLS1
CELLS0
Battery
Voltage
Physical
Cell Count
cell_count
INTVCC
INTVCC
6V
3
2
INTVCC
VCC2P5
12V
6
4
INTVCC
GND
18V
9
6
VCC2P5
INTVCC
24V
12
8
When charging stacks of batteries in series it is important
to consult with the battery manufacturer to ascertain
requirements pertaining to battery balancing. Repeatedly
charging series batteries without balancing is usually
degenerative and typically leads to increased mismatch
accompanied with shorter battery life. For high reliability
applicationsanauxiliarybatterybalancerisrecommended.
Battery Detection
The LTC4162 begins a charging cycle by performing a 2-4
second battery detection test, during which a 1mA load is
drawn from the battery followed by a small charge current
beingsenttothebattery.Ifthebatteryvoltageremainssta-
bleduringthebatterydetectiontest,theLTC4162proceeds
with battery charger soft-start. If the battery voltage does
not remain stable, the LTC4162 proceeds with a battery
open/shorttest.Thebatteryischargedatminimumcharge
current for one to two seconds. Abnormal results from the
batterydetectiontestresultincharger_statebecomingbat_
missing_fault, bat_short_fault or bat_detect_failed_fault
andwillpreventfurthercharging.Programmableinterrupts
en_bat_short_fault_alert,en_bat_missing_fault_alertand
en_bat_detect_failed_fault_alert can be set to generate an
SMBALERT if one of these cases occurs. In the event of a
battery detection fault, the battery detection test will retry
every 30 seconds.
Battery Charger Soft-Start
The LTC4162 soft starts charge current by ramping ich-
arge_dac from 0 to its target charge current setting at a
nominal rate of 400µS per icharge_dac LSB. This results
in a maximum charge current soft start time of 31 • 400µs
or 12.4ms. Any time the battery charger needs to change
its charge current setting up or down, the ramp routine
is invoked. The charge current target is derived from
charge_current_setting.
Low Battery
Whenachargecyclebegins,TheLTC4162firstdetermines
if the battery is deeply discharged. If the BATSENS+ pin
voltage is lower than about 2.5V, the battery charger de-
livers roughly 10mA directly from INTVCC. This operating
mode is mainly used to pull a pack protected battery out of
protectionmode.WhentheBATSENS+pinvoltagereaches
2.5V,charginghandsovertotheswitchingbatterycharger.
Constant-Current Charging
The charger will attempt to deliver (charge_current_set-
ting + 1) • 1mV/RSNSB in constant-current mode where
charge_current_setting ranges from 0 to 31. For example,
A 10mΩ resistor between CPS and CSN would give an
upper limit charge current of 3.2A. Depending on avail-
able input power and external load conditions, the battery
charger may not be able to charge at the full programmed
rate. An alternate control loop such as the input current
limit loop or input voltage limit loop may be in force and
only partial power will be available to charge the battery.
If input current limit is reached, for instance, the system
load will be prioritized over the battery charge current.
When system loads are light, battery charge current will be
maximized and could be as high as the value programmed
by charge_current_setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com