Electronic Components Datasheet Search
  English  ▼

X  

WPR1516 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # WPR1516
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WPR1516 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button WPR1516 Datasheet HTML 17Page - NXP Semiconductors WPR1516 Datasheet HTML 18Page - NXP Semiconductors WPR1516 Datasheet HTML 19Page - NXP Semiconductors WPR1516 Datasheet HTML 20Page - NXP Semiconductors WPR1516 Datasheet HTML 21Page - NXP Semiconductors WPR1516 Datasheet HTML 22Page - NXP Semiconductors WPR1516 Datasheet HTML 23Page - NXP Semiconductors WPR1516 Datasheet HTML 24Page - NXP Semiconductors WPR1516 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
3.3.1 External oscillator (OSC) and ICS characteristics
Table 16. OSC and ICS specifications (temperature range = -40 to 85 °C
ambient)
Characteristic
Symbol
Min
Typical1
Max
Unit
Crystal or
resonator
frequency
Low range (RANGE = 0)
flo
31.25
32.768
39.0625
kHz
High range (RANGE = 1)
fhi
4
—
24
MHz
Load capacitors
C1, C2
See Note2
Feedback resistor
Low Frequency, Low-Power Mode3
RF
—
—
—
MΩ
Low Frequency, High-Gain Mode
—
10
—
MΩ
High Frequency, Low-Power Mode
—
1
—
MΩ
High Frequency, High-Gain Mode
—
1
—
MΩ
Series resistor -
Low Frequency
Low-Power Mode 3
RS
—
0
—
kΩ
High-Gain Mode
—
200
—
kΩ
Series resistor -
High Frequency
Low-Power Mode3
RS
—
0
—
kΩ
Series resistor -
High Frequency,
High-Gain Mode
4 MHz
—
0
—
kΩ
8 MHz
—
0
—
kΩ
16 MHz
—
0
—
kΩ
24 MHz
—
0
—
kΩ
Crystal start-up
time low range =
32.768 kHz
crystal; High
range = 24 MHz
crystal4,5
Low range, low power
tCSTL
—
1000
—
ms
Low range, high gain
—
800
—
ms
High range, low power
tCSTH
—
3
—
ms
High range, high gain
—
1.5
—
ms
Internal reference start-up time
tIRST
—
20
50
µs
Internal reference clock (IRC) frequency trim range
fint_t
31.25
—
39.0625
kHz
Internal reference
clock frequency,
factory trimmed
T = 25 °C, VDD = 5 V
fint_ft
—
37.5
—
kHz
DCO output
frequency range
FLL reference = fint_t, flo, or fhi/RDIV
fdco
40
—
50
MHz
Factory trimmed
internal oscillator
accuracy
T = 25 °C, VDD = 5 V
Δfint_ft
-0.5
—
0.5
%
Deviation of IRC
over temperature
when trimmed at
T = 25 °C, VDD =
5 V
Over temperature range from -40 °C to
85°C
Δfint_t
-1
—
0.5
%
Over temperature range from 0 °C to
85°C
Δfint_t
-0.5
—
0.5
Frequency
accuracy of DCO
output using
factory trim value
Over temperature range from -40 °C to
85°C
Δfdco_ft
-2
—
1.5
%
Over temperature range from 0 °C to
85°C
Δfdco_ft
-1
—
1.5
Table continues on the next page...
Peripheral operating requirements and behaviors
MWPR1516 16 KB Flash, Rev2, 1/2015.
21
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com