Electronic Components Datasheet Search
  English  ▼

X  

WPR1516 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # WPR1516
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WPR1516 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button WPR1516 Datasheet HTML 9Page - NXP Semiconductors WPR1516 Datasheet HTML 10Page - NXP Semiconductors WPR1516 Datasheet HTML 11Page - NXP Semiconductors WPR1516 Datasheet HTML 12Page - NXP Semiconductors WPR1516 Datasheet HTML 13Page - NXP Semiconductors WPR1516 Datasheet HTML 14Page - NXP Semiconductors WPR1516 Datasheet HTML 15Page - NXP Semiconductors WPR1516 Datasheet HTML 16Page - NXP Semiconductors WPR1516 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
1. Determined according to IEC Standard 61967-1, Integrated Circuits - Measurement of Electromagnetic Emissions,
150 kHz to 1 GHz Part 1: General Conditions and Definitions and IEC Standard 61967-2, Integrated Circuits -
Measurement of Electromagnetic Emissions, 150 kHz to 1 GHz Part 2: Measurement of Radiated Emissions—TEM
Cell and Wideband TEM Cell Method. Measurements were made while the microcontroller was running basic
application code. The reported emission level is the value of the maximum measured emission, rounded up to the next
whole number, from among the measured orientations in each frequency range.
2. VRECT = 5.0 V, TA = 25 °C, fOSC = 32.768 kHz (crystal), fSYS = 24 MHz, fBUS = 24 MHz
3. Specified according to Annex D of IEC Standard 61967-2, Measurement of Radiated Emissions—TEM Cell and
Wideband TEM Cell Method
Switching specifications
2.2.1 Control timing
Table 6. Control Timing
Rating
Symbol
Min.
Typical1
Max.
Unit
Bus frequency (tCYC = 1 / fBus)
fBus
DC
—
24
MHz
Internal low power oscillator frequency2
fLPO
16
20
26
KHz
External reset pulse width
tEXTRST
1.5 ×
tCYC
—
—
ns
Reset low drive
tRSTDRV
34 × tCYC
—
—
ns
External NMI pin interrupt pulse width -
Asynchronous path
tNMI
100
—
—
ns
IRQ pulse width
Asynchronous path3
tILIH
100
—
—
ns
Synchronous path
tIHIL
1.5 × tCYC
—
—
ns
Port rise and fall time -
Normal drive strength (load =
50 pF)
—
tRise
—
10.2
—
ns
tFall
—
9.5
—
ns
1. Typical values are based on characterization data at VDD = 5.0 V, 25 °C unless otherwise stated.
2. It can be configured by PMC_RC20KTRM[OSCOT].
3. This is the shortest pulse that is guaranteed to be recognized as a IRQ pin request.
textrst
RESET_b pin
Figure 4. Reset Timing
2.2
Switching specifications
MWPR1516 16 KB Flash, Rev2, 1/2015.
13
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com