Electronic Components Datasheet Search
  English  ▼

X  

WPR1516 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # WPR1516
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WPR1516 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button WPR1516 Datasheet HTML 28Page - NXP Semiconductors WPR1516 Datasheet HTML 29Page - NXP Semiconductors WPR1516 Datasheet HTML 30Page - NXP Semiconductors WPR1516 Datasheet HTML 31Page - NXP Semiconductors WPR1516 Datasheet HTML 32Page - NXP Semiconductors WPR1516 Datasheet HTML 33Page - NXP Semiconductors WPR1516 Datasheet HTML 34Page - NXP Semiconductors WPR1516 Datasheet HTML 35Page - NXP Semiconductors WPR1516 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
7.3 Fields
This table lists the possible values for each field in the part number (not all
combinations are valid):
Field
Description
Values
Q
Qualification status
• M = Fully qualified, general market flow
• P = Prequalification
WPR##
WPR family
• WPR15
FFF
Program flash memory size
• 16 = 16 KB
R
Silicon revision
• (Blank) = Main
• A = Revision after main
T
Temperature range (°C)
• C = -40 to 85 °C
PP
Package identifier
• FM=32 QFN (5 mm x 5 mm)
• AL=36 WLCSP (3.1 mm x 3.0 mm)
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
7.4 Example
This is an example part number:
MWPR1516CFM
Terminology and guidelines
8.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
8.1.1 Example
This is an example of an operating requirement:
8
Terminology and guidelines
32
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com