Electronic Components Datasheet Search
  English  ▼

X  

WPR1516 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # WPR1516
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WPR1516 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button WPR1516 Datasheet HTML 24Page - NXP Semiconductors WPR1516 Datasheet HTML 25Page - NXP Semiconductors WPR1516 Datasheet HTML 26Page - NXP Semiconductors WPR1516 Datasheet HTML 27Page - NXP Semiconductors WPR1516 Datasheet HTML 28Page - NXP Semiconductors WPR1516 Datasheet HTML 29Page - NXP Semiconductors WPR1516 Datasheet HTML 30Page - NXP Semiconductors WPR1516 Datasheet HTML 31Page - NXP Semiconductors WPR1516 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
SDA
HD; STA
tHD; DAT
tLOW
tSU; DAT
tHIGH
tSU; STA
SR
P
S
S
tHD; STA
tSP
tSU; STO
tBUF
tf
tr
tf
tr
SCL
Figure 11. Timing definition for fast and standard mode devices on the I2C bus
Dimensions
4.1 Obtaining package dimensions
Package dimensions are provided in package drawings.
To find a package drawing, go to freescale.com and perform a keyword search for the
drawing’s document number:
If you want the drawing for this package
Then use this document number
32-pin QFN
98ASA00615D
36-pin WLCSP
98ASA00789D
Pinout
5.1 Signal multiplexing and pin assignments
The following table shows the signals available on each pin and the locations of these
pins on the devices supported by this document.
NOTE
VDD1 and VDD2 must be short on PCB.
PTA6 and PTA7 are true open drain pins. The external pullup
resistor must be added to make them output correct values in
using I2C0, GPIO, and UART0.
4
5
Dimensions
28
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com