Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4359
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC7862
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Current Sense
Threshold vs ITH Voltage
RUN/OVLO Threshold
vs Temperature
OVLO RISING
RUN RISING
RUN FALLING
OVLO FALLING
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
7862 G11
5% DUTY CYCLE
VITH (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40
–20
0
20
40
60
80
100
7862 G10
DRVCC Line Regulation
Quiescent Current vs Temperature
Oscillator Frequency
vs Temperature
SS Pull-Up Current
vs Temperature
Shutdown Current vs Temperature
Shutdown Current
vs Input Voltage
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
2
4
6
8
10
12
14
16
18
20
7862 G13
VIN = 6.3V
INPUT VOLTAGE (V)
0 15 30 45 60 75 90 105 120 135 150
0
5
10
15
20
25
30
7862 G14
FREQ = 0V
FREQ = INTVCC
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
300
350
400
450
500
550
600
7862 G16
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
7862 G17
Boost Charge Pump Voltage
vs SW Voltage in Pass-Through
Mode
FREQ = 350kHz
10MΩ BETWEEN BOOST AND SW
DRVUV = 0V
150°C
25°C
–55°C
SW VOLTAGE (V)
0 5 10 15 20 25 30 35 40 45 50 55 60 65
0
1
2
3
4
5
6
7
8
9
10
7862 G18
DRVUV = INTVCC
DRVUV = 0V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
0.5
1.0
1.5
2.0
7862 G15
TA = 25°C, unless otherwise noted.
EXTVCC = 0V
DRVUV = 0V
DRVUV = INTVCC
INPUT VOLTAGE (V)
0 15 30 45 60 75 90 105 120 135 150
5
6
7
8
9
10
7862 G12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com