Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4359
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices LTC4359 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC7862
12
Rev 0
For more information www.analog.com
OPERATION
High Efficiency Switching Surge Stopper Overview
The LTC7862 is a high efficiency switching surge stop-
per controller. “Normal” operation for the LTC7862 is in
“dropout” mode, in which the top external N-channel
MOSFET is turned on continuously (100% duty cycle)
passing the input voltage through to the output with
minimal voltage drop. During an input overvoltage event,
the LTC7862 switches the gates of the top and bottom
N-channel MOSFETs to act as a switching DC/DC step-
down regulator. This maintains the output voltage at a
safe, user-programmed clamp voltage level. Similarly, the
LTC7862 switches in response to an overcurrent or short-
circuit event. The LTC7862 also switches during startup
to limit inrush current and to smoothly ramp the output
voltage. If the time spent during any of these switching
events exceeds the time programmed by the fault timer
pin (TMR), the LTC7862 will cease switching for a cool-
down period and then attempt to restart.
An LTC7862 high efficiency switching surge stopper can
be thought of as a pre-regulator. Consider as an example
a MIL1275 application, where the input voltage connects
to a nominal 28V vehicle power bus. The power bus can
drop as low as 12V during engine cranking, and can also
surge up to 100V with a total surge duration lasting up to
500ms. A switching surge stopper can be placed between
the input power bus and any downstream load to protect
the load from potentially destructive voltage levels. The
output voltage of the switching surge stopper is pre-regu-
lated or clamped to a safe voltage, such as 34V. Whenever
the input voltage is above 34V, the LTC7862 switches
and limits the output voltage to 34V. Whenever the input
voltage is less than 34V, the LTC7862 is in normal mode
and passes the input voltage through to the output with
no switching.
For both a traditional linear regulator surge stopper (such
as LTC4363) and the LTC7862 high efficiency switching
surge stopper, the power loss increases significantly dur-
ing the input voltage surge when regulation begins. In a
linear regulator surge stopper, the power loss is simply
the output current times the difference between the input
and output voltages, which can be very large. In a switch-
ing surge stopper, the power loss is determined by the
switching regulator’s conversion efficiency, which is
relatively high. This enables the LTC7862 high efficiency
switching surge stopper to deliver much higher output
current and power levels compared to a traditional linear
regulator surge stopper.
Furthermore, by using the LTC7862’s timer, the time spent
switching in regulation can be limited, allowing the oper-
ating power to be pushed beyond what could otherwise
be achieved if the switching regulator were required to
run continuously in steady-state. The use of the timer
improves reliability and reduces component size com-
pared to a continuous solution. The timer also allows
the external components to be optimized for the normal
pass-through mode in which the switching surge stop-
per spends the vast majority of its operating life. In this
normal mode, the switching surge stopper is effectively
acting as a wire with a conduction power loss (sometimes
referred to as an insertion loss) equal to the output cur-
rent times the sum of the resistances of the top MOSFET,
inductor, and current sense resistor.
In particular, a relatively low RDS(ON) (with typically high
gate charge) top MOSFET can be selected. This reduces
power loss in normal operation, but significantly increases
the power loss when switching due to transition losses in
the top MOSFET. Usually, in traditional high input voltage
switching step-down regulators, a low gate charge (with
typically high RDS(ON)) top MOSFET is desired to minimize
transition power losses. But since the LTC7862’s timer
limits the time spent switching, this increased power
loss can be safely tolerated. Likewise, the inductor value
and switching frequency can be chosen to minimize the
insertion loss at the expense of switching losses. This
allows the LTC7862 switching surge stopper to operate at
a higher switching frequency than what would be feasible
in a continuous solution without a timer. This results in a
physically smaller inductor with a lower inductance and
lower DC resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com