Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4359
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 16Page - Analog Devices LTC4359 Datasheet HTML 17Page - Analog Devices LTC4359 Datasheet HTML 18Page - Analog Devices LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices LTC4359 Datasheet HTML 21Page - Analog Devices LTC4359 Datasheet HTML 22Page - Analog Devices LTC4359 Datasheet HTML 23Page - Analog Devices LTC4359 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC7862
20
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. Adjustable UV and OV Lockout
The RUN and OVLO pins can alternatively be configured
as undervoltage (UVLO) and overvoltage (OVLO) lock-
outs on the VIN supply with a resistor divider from VIN to
ground. A simple resistor divider can be used as shown
in Figure 5 to meet specific VIN voltage requirements.
RUN
7862 F05
R3
VIN
LTC7862
R4
R5
OVLO
For applications that do not require a precise OVLO, the
OVLO pin can be tied directly to ground. The RUN pin in
this type of application can be used as an external UVLO
using the previous equations with R5 = 0Ω.
Similarly, for applications that do not require a precise
UVLO, the RUN pin can be tied to VIN. In this configura-
tion, the UVLO threshold is limited to the internal DRVCC
UVLO thresholds as shown in the Electrical Characteristics
table. The resistor values for the OVLO can be computed
using the previous equations with R3 = 0Ω.
Soft-Start (SS) Pin
The start-up of VOUT is controlled by the voltage on the
SS pin. When the voltage on the SS pin is less than the
internal 0.8V reference, the LTC7862 regulates the VFB pin
voltage to the voltage on the SS pin instead of the internal
reference. The SS pin can be used to program an external
soft-start function.
Soft-start is enabled by simply connecting a capacitor
from the SS pin to ground, as shown in Figure 6. An inter-
nal 10μA current source charges the capacitor, providing
a linear ramping voltage at the SS pin. The LTC7862 will
regulate its feedback voltage (and hence VOUT) accord-
ing to the voltage on the SS pin, allowing VOUT to rise
smoothly from 0V to its final regulated value. The total
soft-start time will be approximately:
tSS = CSS •
0.8V
10µA
The current that flows through the R3-R4-R5 divider will
directly add to the shutdown, sleep, and active current
of the LTC7862, and care should be taken to minimize
the impact of this current on the overall efficiency of the
application circuit. Resistor values in the megaohm range
may be required to keep the impact on quiescent shut-
down and sleep currents low. To pick resistor values, the
sum total of R3 + R3+ R5 (RTOTAL) should be chosen
first based on the allowable DC current that can be drawn
from VIN.
The individual values of R3, R4 and R5 can be calculated
from the following equations:
R5
= RTOTAL •
1.20V
RISING VIN OVLO THRESHOLD
R4
= RTOTAL •
1.20V
RISING VIN RUN THRESHOLD
−R5
R3
= RTOTAL −R5−R4
Figure 6. Using the SS Pin to Program Soft-Start
7862 F06
LTC7862
SS
GND
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com