Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4359
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices LTC4359 Datasheet HTML 21Page - Analog Devices LTC4359 Datasheet HTML 22Page - Analog Devices LTC4359 Datasheet HTML 23Page - Analog Devices LTC4359 Datasheet HTML 24Page - Analog Devices LTC4359 Datasheet HTML 25Page - Analog Devices LTC4359 Datasheet HTML 26Page - Analog Devices LTC4359 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC7862
23
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Fault Conditions: Output Overvoltage Protection
(Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
much higher than nominal levels. The crowbar causes
huge currents to flow, that blow the fuse to protect against
a shorted top MOSFET if the short occurs while the con-
troller is operating.
A comparator monitors the output for overvoltage condi-
tions. The comparator detects faults greater than 10%
above the nominal output voltage. When this condition
is sensed, the top MOSFET is turned off and the bottom
MOSFET is turned on until the overvoltage condition is
cleared. The bottom MOSFET remains on continuously
for as long as the overvoltage condition persists; if VOUT
returns to a safe level, normal operation automatically
resumes.
A shorted top MOSFET will result in a high current con-
dition which will open the system fuse. The switching
regulator will regulate properly with a leaky top MOSFET
by altering the duty cycle to accommodate the leakage.
Fault Conditions: Overtemperature Protection
At higher temperatures, or in cases where the internal
power dissipation causes excessive self heating on chip,
the overtemperature shutdown circuitry will shut down
the LTC7862. When the junction temperature exceeds
approximately 175°C, the overtemperature circuitry
disables the DRVCC LDO, causing the DRVCC supply to
collapse and effectively shutting down the entire LTC7862
chip. Once the junction temperature drops back to the
approximately 155°C, the DRVCC LDO turns back on. Long
term overstress (TJ > 150°C) should be avoided as it can
degrade the performance or shorten the life of the part.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the LTC7862 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN(f)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC7862 is approximately
80ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 130ns.
If the duty cycle drops below the minimum on-time limit
in this situation, a significant amount of cycle skipping
can occur with correspondingly larger current and volt-
age ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com