Electronic Components Datasheet Search
  English  ▼

X  

MAX335C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX335C/D
Description  Serial Controlled, 8-Channel SPST Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX335C/D Datasheet HTML 1Page - Maxim Integrated Products MAX335C/D Datasheet HTML 2Page - Maxim Integrated Products MAX335C/D Datasheet HTML 3Page - Maxim Integrated Products MAX335C/D Datasheet HTML 4Page - Maxim Integrated Products MAX335C/D Datasheet HTML 5Page - Maxim Integrated Products MAX335C/D Datasheet HTML 6Page - Maxim Integrated Products MAX335C/D Datasheet HTML 7Page - Maxim Integrated Products MAX335C/D Datasheet HTML 8Page - Maxim Integrated Products MAX335C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX335 analog switch with serial digital interface
offers eight separately controlled single-pole-single-throw
(SPST) switches. All switches conduct equally in either
direction, and on-resistance (100Ω) is constant over the
analog signal range.
These CMOS switches can operate continuously with
power supplies ranging from ±4.5V to ±20V and handle
rail-to-rail analog signals. Upon power-up, all switches are
off, and the internal serial and parallel shift registers are
reset to zero. The MAX335 is equivalent to two DG211
quad switches but controlled by a serial interface.
The interface is compatible with the Motorola SPI interface
standard. Functioning as a shift register, this serial interface
allows data (at DIN) to be locked in synchronous with the
rising edge of clock (SCLK). The shift register’s output
(DOUT) enables several MAX335s to be daisy chained.
Applications
● Serial Data Acquisition and Process Control
● Avionics
● Signal Routing
● Networking
Features
● 8 Separately Controlled SPST Switches
● SPI-Compatible Serial Interface
● Accepts ±15V Analog Swings
● Multiple Devices Can Be Daisy-Chained
19-0220; Rev 4; 7/17
*Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883.
PART
TEMP RANGE
PIN-PACKAGE
MAX335CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX335CWG
0°C to +70°C
24 Wide SO
MAX335C/D
0°C to +70°C
Dice*
MAX335ENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX335EUG
-40°C to +85°C
24 TSSOP
MAX335EWG
-40°C to +85°C
24 Wide SO
MAX335MRG
-55°C to +125°C
24 Narrow CERDIP**
Ordering Information
Pin Configuration
MAX335
+
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
SCLK
V+
DIN
GND
NO0
COM0
NO1
COM1
NO2
COM2
NO3
COM3
CS
TOP VIEW
DIP/SO
VL
DOUT
V-
NO7
COM7
NO6
COM6
NO5
COM5
NO4
COM4
NO0
COM0
DIN
VL
SCLK
CS
NO7
COM7
DOUT
PARALLEL REGISTER AND TRANSLATOR
8-BIT SHIFT REGISTER
+5V TRANSLATOR
CLOCK TRANSLATOR
CS TRANSLATOR
LATCH
MAX335
MAX335
Serial Controlled, 8-Channel SPST Switch


Similar Part No. - MAX335C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335C/D MAXIM-MAX335C/D Datasheet
121Kb / 12P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
More results

Similar Description - MAX335C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
JSC ALFA.
AS16M1 ALFA-AS16M1 Datasheet
538Kb / 4P
Serial Controlled, 16-Channel SPCO Switch
logo
Maxim Integrated Produc...
MAX14724 MAXIM-MAX14724 Datasheet
1Mb / 25P
Serial-Controlled 8:4 Matrix Switch Multiplexer
19-7575; Rev 2; 9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com