Electronic Components Datasheet Search
  English  ▼

X  

MAX335C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX335C/D
Description  Serial Controlled, 8-Channel SPST Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX335C/D Datasheet HTML 1Page - Maxim Integrated Products MAX335C/D Datasheet HTML 2Page - Maxim Integrated Products MAX335C/D Datasheet HTML 3Page - Maxim Integrated Products MAX335C/D Datasheet HTML 4Page - Maxim Integrated Products MAX335C/D Datasheet HTML 5Page - Maxim Integrated Products MAX335C/D Datasheet HTML 6Page - Maxim Integrated Products MAX335C/D Datasheet HTML 7Page - Maxim Integrated Products MAX335C/D Datasheet HTML 8Page - Maxim Integrated Products MAX335C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(VL = +5V ±10%, V+ = 15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.)
Note 4: This specification guarantees that data at DOUT never appears before SCLK’s falling edge.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Maximum Frequency
fSCLK
2.1
MHz
Cycle Time
tCH + tCL
480
ns
CS Lead Time
tCSS
240
ns
CS Lag Time
tCSH2
240
ns
SCLK High Time
tCH
190
ns
SCLK Low Time
tCL
190
ns
Data-Setup Time
tDS
200
ns
Data-Hold Time
tDH
0
ns
DOUT Data Valid After
Falling SCLK
tDO
50% of SCLK to 10% of
DOUT CL = 10pF
TA = +25°C
240
ns
400
DOUT Data-Hold Time After
Rising SCLK (Note 4)
CL = 10pF
0
ns
Rise Time of DOUT (Note 3)
20% VL to 70% VL, CL = 10pF
100
ns
Allowable Rise Time at DIN,
SCLK, CS (Note 3)
20% VL to 70% VL, CL = 10pF
2
µs
Fall Time of DOUT (Note 3)
70% VL to 20% VL, CL = 10pF
100
ns
Allowable Fall Time at DIN,
SCLK, CS (Note 3)
70% VL to 20% VL, CL = 10pF
2
µs
Timing Characteristics of Serial Digital Interface (Figure 1)
MAX335
Serial Controlled, 8-Channel SPST Switch
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com