Electronic Components Datasheet Search
  English  ▼

X  

MAX335C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX335C/D
Description  Serial Controlled, 8-Channel SPST Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX335C/D Datasheet HTML 1Page - Maxim Integrated Products MAX335C/D Datasheet HTML 2Page - Maxim Integrated Products MAX335C/D Datasheet HTML 3Page - Maxim Integrated Products MAX335C/D Datasheet HTML 4Page - Maxim Integrated Products MAX335C/D Datasheet HTML 5Page - Maxim Integrated Products MAX335C/D Datasheet HTML 6Page - Maxim Integrated Products MAX335C/D Datasheet HTML 7Page - Maxim Integrated Products MAX335C/D Datasheet HTML 8Page - Maxim Integrated Products MAX335C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
(V+ = +15V, V- = -15V, VL= 5V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
RON vs. VCOM AND
POWER-SUPPLY VOLTAGE
VCOM (V)
10
0
-10
50
100
150
200
250
300
0
-20
20
A: 5V
B: 10V
C: 15V
D: 20V
A
B
C
D
DATA-HOLD TIME vs.
POWER-SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±20
±15
±10
-40
-20
0
20
40
60
-60
±5
CHARGE INJECTION vs. VCOM
VCOM (V)
10
0
-10
-70
-35
0
35
70
105
-105
-20
15
5
-5
-15
20
A: ±5V
B: ±15V
A
B
RON vs. VCOM AND
TEMPERATURE
VCOM (V)
10
0
-10
50
100
150
200
250
300
0
-20
20
A: TA = +25°C
B: TA = +85°C
C: TA = +125°C
A
C
B
DATA-SETUP TIME vs.
POWER SUPPLY
SUPPLY VOLTAGE (V)
±20
±15
±10
10
20
30
40
50
60
0
±5
SUPPLY vs. TEMPERATURE
TEMPERATURE (°C)
+25
0.01
0.1
1
10
100
1000
0.001
-55
+125
I+
IL
I-
tON, tOFF vs. VCOM
VCOM (V)
15
10
5
100
200
300
400
500
600
0
0
20
tON
tOFF
LEAKAGE CURRENT vs.
TEMPERATURE
TEMPERATURE (°C)
+125
+25
0.002
0.02
0.2
2
20
200
0.0002
-55
MINIMUM SCLK PULSE WIDTH
vs. POWER SUPPLY
SUPPLY VOLTAGE (V)
±20
±15
±10
10
20
30
40
50
60
0
±5
MAX335
Serial Controlled, 8-Channel SPST Switch
Maxim Integrated │ 5
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com