Electronic Components Datasheet Search
  English  ▼

X  

MAX335C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX335C/D
Description  Serial Controlled, 8-Channel SPST Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX335C/D Datasheet HTML 1Page - Maxim Integrated Products MAX335C/D Datasheet HTML 2Page - Maxim Integrated Products MAX335C/D Datasheet HTML 3Page - Maxim Integrated Products MAX335C/D Datasheet HTML 4Page - Maxim Integrated Products MAX335C/D Datasheet HTML 5Page - Maxim Integrated Products MAX335C/D Datasheet HTML 6Page - Maxim Integrated Products MAX335C/D Datasheet HTML 7Page - Maxim Integrated Products MAX335C/D Datasheet HTML 8Page - Maxim Integrated Products MAX335C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Voltages Referenced to V-
V+ ......................................................................................44V
GND...................................................................................25V
VL................................................(GND - 0.3V) to (V+ + 0.3V)
SCLK, CS, DIN, DOUT, NO_, COM_ ...........V- -2V to V+ +2V
or 30mA, whichever occurs first
Continuous Current (any terminal) .....................................30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle MAX) ...........................00mA
Continuous Power Dissipation (TA = +70°C) (Note 1)
Narrow Plastic DIP
(derate 13.33mW/°C above +70°C) ..........................1067mW
Wide SO (derate 11.76mW/°C above +70°C) .............941mW
Narrow CERDIP (derate 12.50mW/°C above +70°C)...1000mW
TSSOP (derate 12.2mW/°C above +70°C)........................30mA
Operating Temperature Ranges
MAX335C_ _ ..........................................................0°C to +70°C
MAX335E_ _ ...................................................... -40°C to +85°C
MAX335MRG ................................................... -55°C to +125°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(VL = +5V ±10%, V+ = 15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: All leads are soldered or welded to PC boards.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal Range
VANALOG
TA = TMIN to TMAX
-15
15
V
On-Resistance
RON
VCOM = ±10V,
INO = 1mA
TA = +25°C
100
150
Ω
200
NO Off-Leakage Current
INO(OFF)
VCOM = -14V,
VNO = +14V
TA = +25°C
-1
0.002
1
nA
-20
20
VCOM = -14V,
VNO = +14V
TA = +25°C
-1
0.002
1
-20
20
COM Off-Leakage Current
ICOM(OFF)
VCOM = -14V,
VNO = +14V
TA = +25°C
-1
0.002
1
nA
-20
20
VCOM = -14V,
VNO = +14V
TA = +25°C
-1
0.002
1
-20
20
COM On-Leakage Current
ICOM(ON)
VCOM = VNO = +14V
TA = +25°C
-2
0.01
2
nA
-20
40
VCOM = VNO = -14V
TA = +25°C
-2
0.01
2
-20
40
DIGITAL I/O
DIN, SCLK, CS Input Logic
Threshold High
VIH
VL = +5V
2.4
V
VL = +15V
11
DIN, SCLK, CS Input Logic
Threshold Low
VIL
VL = +5V
0.8
V
VL = +15V
3
DIN, SCLK, CS Input Current
Threshold High
IINH
VDIN, VSCLK, VCS = 2.4V
-1
0.03
1
µA
VL = +15V, VDIN, VSCLK, VCS = 11V
-1
0.03
1
DIN, SCLK, CS Input Current
Threshold Low
IINL
VDIN, VSCLK, VCS = 0.8V
-1
0.03
1
µA
VL = +15V, VDIN, VSCLK, VCS = 3V
-1
0.03
1
DOUT Output Voltage
Logic High
VDOUT
IDOUT = 0.8mA
3.5
VL
V
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
MAX335
Serial Controlled, 8-Channel SPST Switch
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com