Electronic Components Datasheet Search
  English  ▼

X  

ADP5360 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5360
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5360 Datasheet HTML 3Page - Analog Devices ADP5360 Datasheet HTML 4Page - Analog Devices ADP5360 Datasheet HTML 5Page - Analog Devices ADP5360 Datasheet HTML 6Page - Analog Devices ADP5360 Datasheet HTML 7Page - Analog Devices ADP5360 Datasheet HTML 8Page - Analog Devices ADP5360 Datasheet HTML 9Page - Analog Devices ADP5360 Datasheet HTML 10Page - Analog Devices ADP5360 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 7 of 60
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Hysteresis Mode
Fixed VID Code Voltage Threshold Accuracy
VFB1_HYS_FIX
−2
+2
%
Hysteresis of Voltage Threshold
VFB1_HYS (HYS)
1
%
Feedback Bias Current
IFB1
VOUT1 = 0.6 V
50
nA
SW1 PIN
Power FET On Resistance
High-Side
RDS (ON) H
Pin to pin measurement
280
380
mΩ
Low-Side
RDS (ON) L
Pin to pin measurement
260
380
mΩ
Current Limit in PWM Mode
ILIM_PWM
PWM mode
850
1000
1150
mA
Peak Current in Hysteresis Mode
ILIM_HYS
Hysteresis mode, BUCK_ILIM = 200 mA
160
200
240
mA
Minimum On Time1
tMIN_ON
60
ns
SOFT START
Default Soft Start Time
tSS1
BUCK_SS[1:0] = 1 ms
1
ms
OUTPUT DISCHARGE SWITCH ON RESISTANCE
RDIS1
255
Ω
1
Guaranteed by design.
BUCK BOOST REGULATOR SPECIFICATIONS
TJ = −40°C to +85°C, voltage of the VIN2 pin (VVIN2) = VVSYS = 3.8 V, voltage of the VOUT2 pin (VVOUT2) = 5 V, C7 = C8 = 10 μF, L2 =
4.7 μH (see Figure 60), and all registers are at default values, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
UVLO THRESHOLD
VVIN2
Rising
VUVLO2_RISING
2.3
2.36
V
Falling
VUVLO2_FALLING
2.11
2.16
V
OUTPUT VOLTAGE RANGE
Factory trim or I2C, six bits
1.8
5.5
V
Output Voltage Accuracy
VVOUT2
−2
+2
%
Hysteresis of Voltage Threshold Accuracy
VVOUT2_HYS
1
%
SW2AAND SW2B PINS
SWA2 Pin FET Resistance
High-Side
RDS(ON)1_2A-H
354
470
mΩ
Low-Side
RDS(ON)1_2A-L
250
360
mΩ
SW2B Pin FET Resistance
High-Side
RDS(ON)1_2B-H
290
400
mΩ
Low-Side
RDS(ON)1_2B-L
230
330
mΩ
Peak Current-Limit Threshold
ITH(ILIM1_2)
BUCKBST_ILIM = 200 mA
160
200
240
mA
SOFT START TIME
Soft Start Time
tSS2
BUCKBST_SS[0:1] = 1 ms
1
ms
Programmable Soft Start Range
1
512
ms
OUTPUT DISCHARGE SWITCH ON RESISTANCE
RDIS2
255
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com