Electronic Components Datasheet Search
  English  ▼

X  

ADP5360 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5360
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360 Datasheet(HTML) 3 Page - Analog Devices

  ADP5360 Datasheet HTML 1Page - Analog Devices ADP5360 Datasheet HTML 2Page - Analog Devices ADP5360 Datasheet HTML 3Page - Analog Devices ADP5360 Datasheet HTML 4Page - Analog Devices ADP5360 Datasheet HTML 5Page - Analog Devices ADP5360 Datasheet HTML 6Page - Analog Devices ADP5360 Datasheet HTML 7Page - Analog Devices ADP5360 Datasheet HTML 8Page - Analog Devices ADP5360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 3 of 60
FUNCTIONAL BLOCK DIAGRAM
VBUS
VDD
VSYS
PGND1
ISOB
BSNS
THR
INT
EN1
FB1
SCL
AGNDx
SW1
PGND2
VIN1
SDA
BUCK
CONTROL
LOGIC
ILIM_PWM
ILIM_HSY
VBUS_OV
VBUS_OK
6.8V
3.9V
CHARGE CONTROL
AND
BATTERY PROTECTION
ILIM
IEND
TRICKLE
SOURCE
DETECTION
SINK
UNDER
VOLTAGE
OVER
VOLTAGE
IBAT
FUEL GAUGE
ALGORITHM
IBAT
I2C INTERFACE
AND
LOGIC CONTROL
AND
DIGITAL CIRCUIT
PGOOD1
PGOOD2
NOTES
1. IBAT IS THE BATTERY SENSE CURRENT.
ENCHG
MR
STP
VID SET
OSCILLATOR
VID1
BUCK BOOST
CONTROL
LOGIC
VIN2
SW2A
SW2B
VOUT2
STP
EN2
STP
0.6V REF
AND
SOFT START
0.6V REF
AND
SOFT START
VID SET
RESET
ENSD
ICS
ILIM
ADC
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com