Electronic Components Datasheet Search
  English  ▼

X  

ADP5360 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5360
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5360 Datasheet HTML 18Page - Analog Devices ADP5360 Datasheet HTML 19Page - Analog Devices ADP5360 Datasheet HTML 20Page - Analog Devices ADP5360 Datasheet HTML 21Page - Analog Devices ADP5360 Datasheet HTML 22Page - Analog Devices ADP5360 Datasheet HTML 23Page - Analog Devices ADP5360 Datasheet HTML 24Page - Analog Devices ADP5360 Datasheet HTML 25Page - Analog Devices ADP5360 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 22 of 60
Charge Complete
The ADP5360 charger monitors the charging current while in
constant voltage fast charge mode. When EN_TEND is low, the
current falls lower than IEND for tDG, and the charger is stopped
by turning the battery isolation FET off. The system voltage is
maintained at VSYS_REG by the linear regulator and sets the
CHG_CMPLT flag. When EN_TEND is set to high, the charging
current falls lower than IEND for another tEND, stopping the
charger and setting the CHG_CMPLT flag.
Recharge
After the detection of charge is complete, and the battery isolation
FET turns off, the ADP5360 charger still monitors the BSNS pin.
If the BSNS pin voltage falls by VRCH, the charger reactivates.
Under most circumstances, triggering the recharge threshold
results in the charger starting in fast charge mode.
Battery Charging Enable or Disable
To enable the ADP5360 charging function, set the EN_CHG bit
high or pull the ENCHG pin high. The hardware ENCHG pin is
logically OR’ed with the EN_CHG bit, Address 0x07. If the
charger is disabled, the linear regulator remains turned on and
regulatesVVSYS to VSYS_REG. The battery isolation FET turns off,
and the linear regulator provides the power for the system.
BATTERY ISOLATION FET
The ADP5360 charger features an integrated battery isolation
FET for power path control and battery protection. The battery
isolation FET isolates a deeply discharged Li-Ion cell from the
system power supply in both trickle and fast charge modes,
therefore allowing the system to be powered at all times. The
battery isolation FET maintains VSYS_REG on the VSYS pin.
When VBUS is lower than VVBUS_OK, the battery isolation FET is
in full conducting status.
The battery isolation FET supplements the battery to support
high current functions on the system power supply when VBUS
current is limited.
When the voltage on VSYS drops lower than ISOB, the battery
isolation FET enters full conducting mode.
BATTERY DETECTION
Battery Level Detection
The ADP5360 charger features a battery detection mechanism to
detect an absent battery. When the charger starts charging, it
actively sinks and sources current into ISOB and voltage vs.
time is detected. The sink phase detects a charged battery, while
source phase detects a discharged battery.
The sink phase sinks current (ISINK) from the ISOB pin and the
BSNS pin for typically 330 ms (see Figure 50). If the BSNS pin is
lower than VBATL when the 330 ms timer expires, the charger starts
the source phase. If the BSNS pin exceeds the VBATL voltage when
the 330 ms timer expires, the charger begins a new charge cycle.
The source phase sources current (ISOURCE) to the ISOB pin or
the BSNS pin for typically 330 ms. If the BSNS pin exceeds
VBATH before the 330 ms timer expires, it is assumed that no
battery is present. If the BSNS pin does not exceed VBATH when
the 330 ms timer expires, it is assumed that a battery is present,
and the charger begins a new charge cycle.
tBATOK
VBATL
ISOB
LOGIC
STATUS
OPEN
OR
SHORT
OPEN
ISINK
SINK PHASE
tBATOK
VBATH
ISOB
LOGIC
STATUS
OPEN
OR
SHORT
OPEN
ISOURCE
SOURCE PHASE
Figure 50. Battery Detection Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com