Electronic Components Datasheet Search
  English  ▼

X  

ADP5360 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5360
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5360 Datasheet HTML 16Page - Analog Devices ADP5360 Datasheet HTML 17Page - Analog Devices ADP5360 Datasheet HTML 18Page - Analog Devices ADP5360 Datasheet HTML 19Page - Analog Devices ADP5360 Datasheet HTML 20Page - Analog Devices ADP5360 Datasheet HTML 21Page - Analog Devices ADP5360 Datasheet HTML 22Page - Analog Devices ADP5360 Datasheet HTML 23Page - Analog Devices ADP5360 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 20 of 60
THEORY OF OPERATION
BATTERY CHARGER
Charger Introduction
The ADP5360 integrates a fully I2C-programmable charger for
single-cell Li-Ion/Li-Poly batteries suitable for a wide range of
portable applications.
The linear charger architecture enables up to 500 mA of output
current on the system power supply and up to 320 mA of charge
current into the battery from a dedicated charger.
The charger of the ADP5360 operates from an input voltage of
up to 6.8 V but is tolerant of voltages up to 20 V to alleviate the
concern of USB bus spiking during disconnection or connection
scenarios.
The ADP5360 features an internal FET between the linear
charger output and the battery node to permit battery isolation
and system power in a dead battery or no battery scenario,
allowing instanteneous system function when connected to a
USB power supply.
The charger of theADP5360 enables charging via the mini
VBUS pin (F6 pin) from a wall charger, car charger, or USB host
port. Based on the type of USB source, which is detected by an
external USB detection device, theADP5360 can apply the proper
current limit for optimal charging and USB compliance. The USB
charger permits correct operation under all USB compliant
sources including wall chargers, host chargers, hub chargers, and
standard hosts and hubs.
A processor controls the USB charger using the I2C to program
the charging current and numerous other parameters, including
the following:
•
Trickle charge current level and voltage threshold
•
Fast charge (constant current) current level
•
Fast charge (constant voltage) termination voltage level
•
Fast charge safety timer period
•
Weak battery threshold detection
•
End of charge current level for charge completion
•
Recharge voltage threshold
•
VBUS input current limit
Input Current Limit and USB Compatibility
The VBUS input current limit is programmed via an internal
I2C ILIM register (RILIM) from 50 mA to 500 mA, ensuring
compatibility with different requirements. An external resistor
from the ILIM pin to ground can also set the input current limit
as the default. Floating the ILIM pin activates the register
default value when powering up.
Table 10. VBUS Input Current-Limit Default Set with ILIM Pin
RILIM Value (kΩ)
ILIM Value (mA)
100
50
68
100
47
150
36
200
27
250
20
300
15
400
10
500
The current-limit defaults to 100 mA to allow compatibility
with a USB host or hub that is not configured. This input
current limit resets to a default value of 100 mA during every
VBUS power-on cycle, thereby protecting the USB port.
When the input current-limit feature is used, it is possible for
the available input current to be too low for the charger to meet
the programmed charging current (ICHG), and the rate of charge
reduces. In this case, the VBUS_ILIM bit flag sets.
When VVBUS is between 3.9 V and 6.8 V, the VBUSOK bit is set.
Trickle Charge Mode
A deeply discharged Li-Ion cell can exhibit a low cell voltage,
making it unsafe to charge the cell at high current rates. The
ADP5360 charger uses its trickle charge mode to raise the cell
voltage to a safe level for fast charging.A cell with a voltage lower
than VTRK_DEAD charges with ITRK_DEAD. During trickle charge mode,
the CHARGER_STATUS[2:0] bits of the CHARGER_STATUS1
register are set.
During trickle charging, the VSYS node is regulated to VSYS_REG
by the linear regulator. The battery isolation FET is off, therefore
the battery is isolated from the system power supply. Refer to
Table 11 for the VSYS_REG output voltages.
Table 11. VSYS_REG Output Voltages
VTRM Setting
VSYS_REG (V)
VSYSTEM =VTRM + 200 mV
VSYSTEM = 5 V
VTRM ≤ 4.26 V
4.4
5
4.26 V < VTRM ≤ 4.36 V
4.5
5
4.36 V < VTRM ≤ 4.46 V
4.6
5
4.46 V < VTRM ≤ 4.56 V
4.7
5
4.56 V < VTRM ≤ 4.66 V
4.8
5
When VVBUS is lower than the set value of VSYS_REG, VVSYS cannot
be regulated, which impacts the charged current (see Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com