Electronic Components Datasheet Search
  English  ▼

X  

MAX22005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX22005
Description  12-Channel Factory-Calibrated Configurable Industrial-Analog Input
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX22005 Datasheet HTML 1Page - Maxim Integrated Products MAX22005 Datasheet HTML 2Page - Maxim Integrated Products MAX22005 Datasheet HTML 3Page - Maxim Integrated Products MAX22005 Datasheet HTML 4Page - Maxim Integrated Products MAX22005 Datasheet HTML 5Page - Maxim Integrated Products MAX22005 Datasheet HTML 6Page - Maxim Integrated Products MAX22005 Datasheet HTML 7Page - Maxim Integrated Products MAX22005 Datasheet HTML 8Page - Maxim Integrated Products MAX22005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
General Description
The MAX22005 is a twelve-channel industrial-grade ana-
log input voltage-mode device that can also be configured
as analog-input current-mode device using an external
precision resistor per channel. It can also operate as con-
figurable analog-input using an external precision resistor
and low-cost switch per channel. Input channels can be
used as twelve single-ended inputs, or six differential in-
puts, or up to eight multichannel configurable differential
inputs. In total, the device supports up to 26 different con-
figurations.
The MAX22005 features an integrated 24-bit delta-sigma
ADC that is shared between all channels. The ADC can
be used with either an integrated 5ppm/°C precision refer-
ence or an external reference. Standard industrial analog
input voltage ranges are converted to the ADC input volt-
age range using high-voltage, zero-drift input amplifiers.
All input ports are robustly protected up to ±36V reverse
polarity and ±2kV surge pulses without the need of TVS
diodes.
Eight general-purpose digital I/O (GPIO) ports are avail-
able for common use, or they can be used to control ex-
ternal switches for configurable inputs.
The MAX22005 is factory calibrated with best-in-class sys-
tem performance of less than 0.05% FSR Total-Unadjust-
ed-Error (TUE) over temperature.
The host communicates with the MAX22005 through a
high-speed 30MHz SPI bus for all configurations and infor-
mation management, as well as for acquiring conversion
results. An optional 8-bit CRC enhances the reliability of
the SPI interface, protecting against all 8-bit bursts, as well
as all double-bit errors.
The MAX22005 operates from 2.7V to 3.6V analog and
digital supplies, and up to ±24V high-voltage supplies.
The MAX22005 is available in 48-pin LGA package and
operates over the -40°C to +125°C industrial temperature
range.
Applications
● Programmable Logic Controllers (PLC)
● Programmable Automation Controllers (PAC)
● Distributed Control Systems (DCS)
Benefits and Features
● Enables More Robust and Reliable Systems
• ±36V High-Voltage Protection for All Input Ports
• 2kV HBM ESD Protection of All Pins
• ±2kV Surge Protection (with External 5kΩ Resistor)
• CRC Detection for Robust Serial Communication
• Watchdog Timer
● Software Configurability
• ±12.5V Analog Input-Voltage Mode
• ±25mA Analog Input-Current Mode Using External
Sense Resistor
• Configurable Inputs Using External Sense Resistor
and Low-Cost Switches
● Best-in-Class System Accuracy
• 0.02% FSR at 25°C Factory Calibrated
• 0.05% FSR over ±50°C from 25°C Factory
Calibration
• Maximum of 30nA Input Leakage
• 5ppm/°C Internal Reference
● Additional Features
• Internal or External ADC Reference
• Eight GPIO Ports
• 48.5mW Low Power Dissipation with ±5V Supply
• 30MHz SPI/QSPI/DSP-Compatible Serial Interface
● Operating Temperature -40°C to +125°C
● 7.5mm × 7mm 48-pin LGA package
Ordering Information appear at end of datasheet.
Click here to ask about the production status of specific part numbers.
MAX22005
12-Channel Factory-Calibrated
Configurable Industrial-Analog Input
EVALUATION KIT AVAILABLE
19-101026; Rev 0;
4/21


Similar Part No. - MAX22005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22005 MAXIM-MAX22005 Datasheet
1Mb / 19P
Access to Eight GPIO Channels
Rev 0; 3/21
MAX22005EVKIT MAXIM-MAX22005EVKIT Datasheet
1Mb / 19P
Access to Eight GPIO Channels
Rev 0; 3/21
MAX22005EVKIT# MAXIM-MAX22005EVKIT# Datasheet
1Mb / 19P
Access to Eight GPIO Channels
Rev 0; 3/21
More results

Similar Description - MAX22005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
6B11 AD-6B11 Datasheet
416Kb / 8P
Isolated, Field Configurable Analog Input
6B21 AD-6B21 Datasheet
361Kb / 8P
Isolated, Field Configurable Analog Input
6B11 AD-6B11_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B11HV AD-6B11HV_15 Datasheet
421Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12 AD-6B12_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B12HV AD-6B12HV_15 Datasheet
372Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13HV AD-6B13HV_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B13 AD-6B13_15 Datasheet
374Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
6B21 AD-6B21_15 Datasheet
362Kb / 8P
Isolated, Field Configurable Analog Input
REV. 0
ADIS16490 AD-ADIS16490 Datasheet
1Mb / 38P
Factory calibrated sensitivity
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com