Electronic Components Datasheet Search
  English  ▼

X  

MAX22005 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX22005
Description  12-Channel Factory-Calibrated Configurable Industrial-Analog Input
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX22005 Datasheet HTML 35Page - Maxim Integrated Products MAX22005 Datasheet HTML 36Page - Maxim Integrated Products MAX22005 Datasheet HTML 37Page - Maxim Integrated Products MAX22005 Datasheet HTML 38Page - Maxim Integrated Products MAX22005 Datasheet HTML 39Page - Maxim Integrated Products MAX22005 Datasheet HTML 40Page - Maxim Integrated Products MAX22005 Datasheet HTML 41Page - Maxim Integrated Products MAX22005 Datasheet HTML 42Page - Maxim Integrated Products MAX22005 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
BIT
23
22
21
20
19
18
17
16
Field
–
–
DCHNL_MODE[1:0]
DCHNL_RATE[3:0]
Reset
–
–
0x0
0x0
Access
Type
–
–
Write, Read
Write, Read
BIT
15
14
13
12
11
10
9
8
Field
–
–
–
–
–
–
–
–
Reset
–
–
–
–
–
–
–
–
Access
Type
–
–
–
–
–
–
–
–
BIT
7
6
5
4
3
2
1
0
Field
–
–
–
–
–
–
–
–
Reset
–
–
–
–
–
–
–
–
Access
Type
–
–
–
–
–
–
–
–
BITFIELD
BITS
DESCRIPTION
DECODE
DCHNL_MO
DE
21:20
Analog Input ADC mode
0x0: Reserved
0x1: Power down performed based on the
DCHNL_PD setting
0x2: Reserved
0x3: Conversion mode
DCHNL_RAT
E
19:16
ADC data rates.
DCHNL_STA (0x21)
BIT
23
22
21
20
19
18
17
16
Field
–
–
–
–
–
–
–
–
Reset
–
–
–
–
–
–
–
–
Access
Type
–
–
–
–
–
–
–
–
BIT
15
14
13
12
11
10
9
8
Field
–
REFDET
–
–
–
–
DOR
–
Reset
–
0b0
–
–
–
–
0b0
–
Access
Type
–
Read Only
–
–
–
–
Read Only
–
BIT
7
6
5
4
3
2
1
0
Field
RATE[3:0]
PDSTAT[1:0]
MSTAT
RDY
Reset
0x0
0x2
0b0
0b0
Access
Type
Read Only
Read Only
Read Only
Read Only
MAX22005
12-Channel Factory-Calibrated
Configurable Industrial-Analog Input
www.maximintegrated.com
Maxim Integrated | 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com