Electronic Components Datasheet Search
  English  ▼

X  

MAX22005 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX22005
Description  12-Channel Factory-Calibrated Configurable Industrial-Analog Input
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX22005 Datasheet HTML 6Page - Maxim Integrated Products MAX22005 Datasheet HTML 7Page - Maxim Integrated Products MAX22005 Datasheet HTML 8Page - Maxim Integrated Products MAX22005 Datasheet HTML 9Page - Maxim Integrated Products MAX22005 Datasheet HTML 10Page - Maxim Integrated Products MAX22005 Datasheet HTML 11Page - Maxim Integrated Products MAX22005 Datasheet HTML 12Page - Maxim Integrated Products MAX22005 Datasheet HTML 13Page - Maxim Integrated Products MAX22005 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical Characteristics (continued)
(VAVDD = VDVDD = 3.3V, VHVDD = +15V, VHVSS = -15V, Reference Source = Internal Reference, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA= +25ºC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Positive High-Voltage
Supply
VHVDD
5
24
V
Negative High-Voltage
Supply
VHVSS
-24
-5
V
High-Voltage Supply
VHV
VHVDD - VHVSS
10
48
V
DVDD POR Threshold
VDVDD_POR
Voltage rising
1.5
V
HVDD-HVSS
Undervoltage Threshold
Voltage rising
1.5
V
Analog Supply Current
IAVDD
ADC sample rate is 11.52ksps, ADC
mode is Continuous Single-Cycle. Single-
ended AI1–AI12 at AGND
4.5
mA
Digital Supply Current
IDVDD
ADC sample rate is 11.52ksps, ADC
mode is Continuous Single-Cycle. Single-
ended AI1–AI12 at AGND
1.8
mA
High-Voltage Supply
Current
IHV
ADC sample rate is 11.52ksps, ADC
mode is Continuous Single-Cycle. Single-
ended AI1–AI12 at AGND
2.5
mA
Total Power
ADC sample rate is 11.52ksps, ADC
mode is Continuous Single-Cycle. Single-
ended AI1–AI12 at AGND
95.8
mW
AI1–AI12 at AGND, VHVDD = 5V and
VHVSS = -5V, all inputs are on
45.8
TIMING CHARACTERISTICS
SCLK Frequency
fSCLK
All SPI transactions
30
MHz
SCLK Clock Period
tCP
All SPI transactions
33
ns
SCLK Pulse-Width High
tCH
All SPI transactions
13
ns
SCLK Pulse-Width Low
tCL
All SPI transactions
13
ns
CS Fall Setup Time
tCSS0
CS falling edge to 1st SCLK rising edge
setup time
7
ns
CS Fall Hold Time
tCSH0
SCLK rising edge to CS falling edge hold
time
0
ns
CS Rise Hold Time
tCSH1
SCLK falling edge to CS rising edge hold
time
3
ns
CS Pulse-Width High
tCSW
Minimum CS pulse-width high
150
ns
SDI Setup Time
tDS
SDI setup time to SCLK rising edge
5
ns
SDI Hold Time
tDH
SDI hold time after SCLK rising edge
5
ns
SDO Transition Time
tDOT
SDO transition valid after SCLK falling
edge
20
ns
SDO Hold Time
tDOH
Output remains valid after falling edge of
SCLK
2
ns
SDO Disable Time
tDOD
CS rising edge to SDO disable, CLOAD =
20pF
25
ns
Note 1: Limits are 100% tested at TA = +25°C, unless otherwise noted. Limits over the operating temperature range and relevant
supply-voltage range are guaranteed by design and characterization.
MAX22005
12-Channel Factory-Calibrated
Configurable Industrial-Analog Input
www.maximintegrated.com
Maxim Integrated | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com