Electronic Components Datasheet Search
  English  ▼

X  

MAX22191 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX22191
Description  Home Bus System (HBS) Compatible Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products MAX22191 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Click here for production status of specific part numbers.
MAX22288
Home Bus System (HBS) Compatible
Transceiver
19-101199; Rev 0; 7/21
General Description
The MAX22288 Home Bus System (HBS) compatible
transceiver can be used in the Home Bus System, where
data and power are passed on a single pair of wires
while minimizing the need for external components.
The MAX22288 provides robust communication by
using dynamic cable termination that improves the
signal quality with longer cables and higher data rates.
The device data outputs AIO/BIO do not load the bus
when the MAX22288 is not powered. The MAX22288
supports passing data with speed up to 200kbps.
The MAX22288 features adjustable receiver thresholds
and driver slew rates that allow the MAX22288 to be
used in a wide variety of systems. Integrated protection
ensures robust communication in harsh industrial
environments.
The MAX22288 is pin-to-pin compatible with the
MAX22088, the Home Bus System (HBS) Compatible
Transceiver with Active Inductor. The MAX22288 is
recommended for use in an HBS system where an
external power supply is typically available.
The MAX22288 is specified for operation over the -40°C
to +125°C temperature range and is available in a
compact 24-pin 4mm x 4mm TQFN package.
Benefits and Features
• Robust Communication with Configurability
• Dynamic Cable Termination Improves Signal
Quality for High-Speed Applications
• Adjustable Slew Rates for Low EMI
• Maximum Data Rate up to 200kbps over 1000m
UTP Cable
• Programmable Receiver Thresholds
• Space Saving
• 4mm x 4mm TQFN package
• Pin-to-pin Compatible with the MAX22088
• Integrated Protection
• IEC 61000-4-2 ±8kV Contact and ±15kV Air-Gap
ESD Protection
• IEC 61000-4-5 ±1kV Transient Surge Protection
with Selected External Components
• -40°C to +125°C Operating Temperature Range
Applications
• HVAC
• Building Controllers
• Industrial IoT
Ordering Information appears at end of data sheet.
Simplified Home Bus System (HBS)
MAX22288
VCC
MICRO
CONTROLLER
DOUT
RST
DIN
1μF
10μF
GND
AIO
BIO
SRA
TERM
RTRMO
H+
H-
CIO
CIO
MAX22088
VRAW
VCC
DOUT
RST
DIN
1μF
10μF
GND
HP
HN
AIO
BIO
SRA
EN
100μF
CAPP
HPA
CAPN
HNA
TERM
RTRMO
VCC
CIO
CIO
TVL
TVT
H+
H-
18V
POWER
SUPPLY
RTRM
100nF
5V OUTPUT
180k
1μF
100nF
RSRA
VCC
TVL
TVT
RSRA
MICRO
CONTROLLER
WDEN
5V


Similar Part No. - MAX22191

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22191 MAXIM-MAX22191 Datasheet
716Kb / 8P
Fully Assembled and Tested
Rev 0; 3/18
MAX22191 MAXIM-MAX22191 Datasheet
498Kb / 13P
Ultra-Low-Power, Parasitically Powered Digital Input
19-100229; Rev 1; 10/20
MAX22191AUT+ MAXIM-MAX22191AUT+ Datasheet
498Kb / 13P
Ultra-Low-Power, Parasitically Powered Digital Input
19-100229; Rev 1; 10/20
MAX22191EVKIT MAXIM-MAX22191EVKIT Datasheet
716Kb / 8P
24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
MAX22191EVKIT# MAXIM-MAX22191EVKIT# Datasheet
716Kb / 8P
24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
More results

Similar Description - MAX22191

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
180Kb / 8P
Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
logo
Power-One
HBS050YE-A POWER-ONE-HBS050YE-A Datasheet
86Kb / 3P
HBS SERIES - 50 WATT
logo
Hirose Electric
CTB-MJ-88SR HIROSE-CTB-MJ-88SR Datasheet
1Mb / 6P
ISDN and HBS CONNECTORS
logo
Mitsumi Electronics, Co...
MM1034 MITSUMI-MM1034 Datasheet
189Kb / 6P
HBS-Compatible Driver and Receiver with Power Supply
logo
List of Unclassifed Man...
MB86046B ETC1-MB86046B Datasheet
4Mb / 86P
MB86046B is home bus protocol controller for the home bus interface
logo
Advanced Micro Devices
AM8228 AMD-AM8228 Datasheet
73Kb / 1P
System Controller and Bus Driver for 8080A Compatible Microprocessors
logo
Mitsumi Electronics, Co...
MM1007 MITSUMI-MM1007 Datasheet
133Kb / 4P
HBS-Compatible Driver and Receiver
MM1192 MITSUMI-MM1192 Datasheet
121Kb / 4P
HBS-Compatible Driver and Receiver
logo
List of Unclassifed Man...
K8006 ETC2-K8006 Datasheet
499Kb / 16P
BASE UNIT for HOME MODULAR LIGHT SYSTEM
logo
XLSEMI
XL1192 XLSEMI-XL1192 Datasheet
706Kb / 11P
HBS-Compatible Driver and Receiver Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com