Electronic Components Datasheet Search
  English  ▼

X  

MAX22191 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX22191
Description  Home Bus System (HBS) Compatible Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX22191 Datasheet HTML 9Page - Maxim Integrated Products MAX22191 Datasheet HTML 10Page - Maxim Integrated Products MAX22191 Datasheet HTML 11Page - Maxim Integrated Products MAX22191 Datasheet HTML 12Page - Maxim Integrated Products MAX22191 Datasheet HTML 13Page - Maxim Integrated Products MAX22191 Datasheet HTML 14Page - Maxim Integrated Products MAX22191 Datasheet HTML 15Page - Maxim Integrated Products MAX22191 Datasheet HTML 16Page - Maxim Integrated Products MAX22191 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MAX22288
Home Bus System (HBS) Compatible Transceiver
www.maximintegrated.com
Maxim Integrated | 13
Detailed Description
The MAX22288 can be used in the Home Bus System (HBS), where power and data are carried on a single pair of wires.
The MAX22288 operates with data rates up to 200kbps for bus-powered applications. The MAX22288 is used in HBS
applications where external power supplies are sourced. In HBS applications where power is consumed, the MAX22088,
a HBS compatible transceiver with active inductor, can be used. Refer to the MAX22088 data sheet for more information.
The MAX22288 features dynamic cable termination, configurable receiver thresholds, and transmit driver slew rate
adjustment for better signal quality and flexible design.
Power Supply
The MAX22288 is powered by the external 5V (typ) supplied at VCC. An external inductor and coupling capacitors are
required to superimpose the data on the HBS cable.
Operation of MAX22288 Transceiver
The MAX22288 uses three pins for the logic interface: RST, DIN, and DOUT. AIO, BIO, and TERM are connected to the
HBS network. RST is the bus reset control input. Drive RST low to enable the transmitter on AIO and BIO. Drive RST
high to disable the transmitter. The MAX22288 HBS receiver is always enabled.
DIN is the logic input of the MAX22288. DOUT is the logic output. When DIN goes from high to low, the polarities of AIO
and BIO invert. When DIN goes from low to high, AIO and BIO are set to high-impedance (Figure 5).
DOUT asserts low when the leading edge of VAIO - VBIO crosses VTVL or -VTVL. DOUT is high-impedance when the
trailing edge of VAIO - VBIO crosses VTVT or -VTVT. See the Receiver Threshold Adjustment section for more information.
To improve signal quality, the MAX22288 features an internal sw
itch that connects TERM to AIO for 34μs (typ) after the
driver transitions to high-impedance. See the Dynamic Cable Termination section for more information.
For a typical data rate of 57.6kbps, the recommended value for coupling capacitors is 2.2µF (min).
RST
DIN
AIO
BIO
TERM
DOUT
SW OFF
SW ON
Figure 5. Operation of the MAX22288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com