Electronic Components Datasheet Search
  English  ▼

X  

MAX22191 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX22191
Description  Home Bus System (HBS) Compatible Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products MAX22191 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MAX22288
Home Bus System (HBS) Compatible Transceiver
www.maximintegrated.com
Maxim Integrated | 3
Electrical Characteristics
(RSRA = 120kΩ, VCC = 4.5V to 5.5V, VTVL = 1V, VTVT = 0.5V, TA = -40°C to +125°C. Typical values are at VCC = 5V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
VRST = GND, DIN at 57.6kbps, RLOAD =
200Ω between AIO/BIO
14
18
mA
Undervoltage-Lockout
Threshold
VUVLO
VCC rising
3.8
4.3
V
Undervoltage-Lockout
Threshold Hysteresis
VUVHYST
140
mV
DC CHARACTERISTICS / TRANSMITTER (AIO, BIO, TERM)
Output Voltage High
VTOH
AIO, BIO to GND, RLOAD = 200Ω
between AIO/BIO
VCC - 0.6
V
Output Voltage Low
VTOL
AIO, BIO to GND, RLOAD = 200Ω
between AIO/BIO
0.6
V
Termination Switch On
Resistance
RTERM
TERM to AIO
2.5
5
10
Ω
Bias Voltage Ratio
Matching
VAIO / VBIO
AIO, BIO unconnected
-1
+1
%
AIO, BIO Loading
Current
IIOLD
VCC = 0V, VAIO = 5.5V, VBIO = 5.5V
250
µA
AIO, BIO Input
Resistance
RIN
Input resistance of AIO and BIO when
they are unconnected, DIN = VCC
15
k
Ω
DC CHARACTERISTICS / RECEIVER (TVL, TVT)
Receive Threshold
Leading Edge
VLEAD
VTVL = 1.0V,
= VCC
0.85
1
1.15
V
Receive Threshold
Trailing Edge
VTRAIL
VTVT = 0.5V,
= VCC
0.35
0.5
0.65
V
TVL and TVT Input
Leakage Current
ITHLEAK
VTVT = VTVL = 2.5V
-1
+1
µA
TVL and TVT Input
Voltage
VTH
VCC –
1.5
V
DC CHARACTERISTICS / DIGITAL IO (DIN, DOUT,
,
)
Input Logic High
VIH
1.4
V
Input Logic Low
VIL
0.4
V
Input Leakage Current
ILEAK
Leakage at DIN and
-1
+1
µA
Pull-Down
Resistance
R
Internal pull-down resistance from
to GND
100
176
300
kΩ
Open-Drain Logic-Low
VOL
DOUT, ISINK = 2mA
0.3
V
Open-Drain Leakage
IODL
VOD = VCC, output not asserted
1
µA
AC CHARACTERISTICS / TRANSMITTER (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com