Electronic Components Datasheet Search
  English  ▼

X  

MAX22191 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX22191
Description  Home Bus System (HBS) Compatible Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products MAX22191 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX22288
Home Bus System (HBS) Compatible Transceiver
www.maximintegrated.com
Maxim Integrated | 2
Absolute Maximum Ratings
VCC to GND.......................................................-0.3V to +6.0V
AIO, BIO, TERM to GND ...................................-0.3V to +6.0V
SRA to GND ........................................... -0.3V to (VCC + 0.3)V
,
, TVL, TVT to GND .....................-0.3V to +6.0V
DIN, DOUT, RST to GND ..................................-0.3V to +6.0V
Continuous Current Into Any Pin
__VCC, AIO, BIO, TERM ............................................ ±100mA
__All Other Pins ........................................................... ±50mA
Continuous Power Dissipation
__Single-Layer Board (TA = +70°C, derate 20.8mW/°C above
+70°C) .................................................................. 1666.70mW
__Multilayer Board (TA = +70°C, derate 27.8mW/°C above
+70°C) .................................................................. 2222.20mW
Temperature Ratings
__Operating Temperature Range .................. -40°C to +125°C
__Junction Temperature .............................................. +150°C
__Storage Temperature Range ..................... -40°C to +150°C
__Lead Temperature (soldering, 10s) .......................... +300°C
__Soldering Temperature (reflow)................................ +260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
24-Pin TQFN
Package Code
T2444+4C
Outline Number
21-0139
Land Pattern Number
90-0022
Thermal Resistance, Single-Layer Board:
Junction-to-
Ambient (θJA)
48°C/W
Junction-to-
Case Thermal Resistance (θJC)
3°C/W
Thermal Resistance, Four-Layer Board:
Junction-to-
Ambient (θJA)
36°C/W
Junction-to-Case Thermal
Resistance (θJC)
3°C/W
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For detailed
information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages
. Note that a “+”, “#”, or “-”
in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com