Electronic Components Datasheet Search
  English  ▼

X  

MSM64481 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM64481
Description  Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64481 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM64481 Datasheet HTML 2Page - OKI electronic componets MSM64481 Datasheet HTML 3Page - OKI electronic componets MSM64481 Datasheet HTML 4Page - OKI electronic componets MSM64481 Datasheet HTML 5Page - OKI electronic componets MSM64481 Datasheet HTML 6Page - OKI electronic componets MSM64481 Datasheet HTML 7Page - OKI electronic componets MSM64481 Datasheet HTML 8Page - OKI electronic componets MSM64481 Datasheet HTML 9Page - OKI electronic componets MSM64481 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
¡ Semiconductor
MSM64481
MEMORY MAPS
Program Memory (ROM)
The program memory is a memory area for program data, the interrupt area, the CZP area, and
the start addresss area.
The data length is 8 bits. Address 0 to address 2047 is assigned to program memory.
The following figure shows the address space of program memory.
7FFh
040h
020h
010h
000h
Program area
Interrupt area
CZP area
Start address area
8 bits
2048 bytes
Program Memory Address Space
The CZP area is the start address range of a CZP subroutine of one-byte call instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com