Electronic Components Datasheet Search
  English  ▼

X  

MSM64481 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM64481
Description  Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64481 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM64481 Datasheet HTML 3Page - OKI electronic componets MSM64481 Datasheet HTML 4Page - OKI electronic componets MSM64481 Datasheet HTML 5Page - OKI electronic componets MSM64481 Datasheet HTML 6Page - OKI electronic componets MSM64481 Datasheet HTML 7Page - OKI electronic componets MSM64481 Datasheet HTML 8Page - OKI electronic componets MSM64481 Datasheet HTML 9Page - OKI electronic componets MSM64481 Datasheet HTML 10Page - OKI electronic componets MSM64481 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
¡ Semiconductor
MSM64481
Data Memory (RAM)
The data memory space is assigned to RAM and special function registers (SFRs). Data Memory
is located in a different address space from program memory.
The data length is 4 bits (1nibble), and a bank unit is 256 nibbles. The data memory uses two bank
areas: one for the EEPROM and SFR areas, in Bank 0; the other for RAM, including the stack, in
Bank 7.
The following figure shows the address space of data memory.
Data Memory Address Space
7FFh
128 nibbles
780h
700h
0FFh
07Fh
000h
BANK0
4 bits
RAM area
Unused area
Inaccessible area
EEPROM area
SFR area
7FFh
780h
07Fh
07Eh
07Dh
07Ch
000h
Data/stack
area
128 nibbles
Stack
pointer
HALT
MIEF
Other
SFR
area
128 nibbles
BANK7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com