Electronic Components Datasheet Search
  English  ▼

X  

MSM64481 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM64481
Description  Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64481 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM64481 Datasheet HTML 4Page - OKI electronic componets MSM64481 Datasheet HTML 5Page - OKI electronic componets MSM64481 Datasheet HTML 6Page - OKI electronic componets MSM64481 Datasheet HTML 7Page - OKI electronic componets MSM64481 Datasheet HTML 8Page - OKI electronic componets MSM64481 Datasheet HTML 9Page - OKI electronic componets MSM64481 Datasheet HTML 10Page - OKI electronic componets MSM64481 Datasheet HTML 11Page - OKI electronic componets MSM64481 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
¡ Semiconductor
MSM64481
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD1
Ta=25°C
V
–0.3 to +7
Storage Temperature
TSTG
–55 to +150
Power Supply Voltage for LCD
Displays
VDD2
Input Voltage
VIN
–0.3 to VDD1+0.3
Ta=25°C
V
°C
V
Ta=25°C
—
–0.3 to +7
Output Voltage 1
VOUT1
–0.3 to VDD1+0.3
V
VDD1 output, Ta=25°C
Output Voltage 2
VOUT2
–0.3 to VDD2+0.3
V
VDD2 output, Ta=25°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
Operating Voltage 1
(CPU operable range)
V
3.0 to 5.5
Symbol
VDD1
Operating Voltage 2
(EEPROM writable range)
Operating Voltage
(LCD display enable range)
VDD1
Operating Temperature
VDD2
4.5 to 5.5
3.0 to 6.0
–40 to +85
°C
Condition
V
V
Top
—
—
—
—
Operating Frequency
fOP
200 to 1000
kHz
—
EEPROM Rewritable Cycle
—
10,000
cycles
—
EEPROM Data Retaining Years
—
10
years
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com